Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
15
Version :DM9008-DS-F02
June 14, 2000
Command Register (CR)
The Command Register is used to initiate transmissions,
enable or disable Remote DMA operations, and select register
pages. To issue a command, the microprocessor sets the
corresponding
bit(s)
(RD2,
RD1,
RD0,
TXP).
Further
commands may be overlapped, but with the following rules: (1)
If a transmit command overlaps a remote DMA operation, bits
RD0, RD1, and RD2 must be maintained for the remote DMA
command when the TXP bit is set. Note that if a remote DMA
command is re-issued when the transmit command is given,
the DMA will be completed immediately if the remote byte
count register has not been reinitialized. (2) If a remote DMA
operation overlaps a transmission, RD0, RD1, and RD2 may
be written with the desired values and a "0" may be written to
the TXP bit. Writing a "0" to this bit has no effect. (3)A remote
write DMA may not overlap a remote read operation or vice
versa. Either of these operations must either be completed or
be aborted before the other operation may start. Bits PS1,
PS0, RD2 and STP may be set at any time.
7
6
5432
1
0
PS1
PS0
RD2
RD1
RD0
TXP
STA
STP
Bit
Symbol
Description
D0
STP
STOP: Software reset command. Takes the controller off-line, and no packets will be received
or transmitted. Any reception or transmission in progress will continue to completion before the
reset state is entered. To exit this state, the STP bit must be reset. The software reset is
executed only when indicated by the RST bit in the ISR being set to a "1." STP powers up
high
D1
STA
Start mode
D2
TXP
Transmit Packet: This bit must be set to initiate transmission of a packet. TXP is internally reset
after the transmission is either completed or aborted. This bit should be set only after the
Transmit Byte Count and Transmit Page Start registers have been programmed. TXP powers
up low
D3
D4
D5
RD0
RD1
RD2
Remote DMA Command: These three encoded bits control operation of the Remote DMA
channel. RD2 can be set to abort any Remote DMA command in progress. The Remote
Byte Count Registers should be cleared when a Remote DMA has been aborted. The
Remote Start Addresses are not restored to the starting address if the Remote DMA is
aborted. RD2 powers up high
RD2
RD1
RD0
0
0
0
Not Allowed
0
0
1
Remote Read
0
1
0
Remote Write
0
1
1
Send Packet
1
X
X
Abort/Complete Remote DMA
D6
D7
PS0
PS1
Page Select: These two encoded bits select which register page is to be accessed with
addresses SA0-3
PS1
PS0
0
0
Register Page 0
0
1
Register Page 1
1
0
Register Page 2
1
1
Register Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com