Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
46
Final
Version :DM9008-DS-F02
June 14, 2000
Remote Read Timing
1) The DMA reads a byte/word from local buffer memory
and writes the byte/word into the latch, increments the
DMA
address,
and
decrements
the
byte
count
(RBCR0, 1).
2) If the byte from local buffer memory is not available,
IOCHRDY will be pulled low to insert wait states to the
PC. The IOCHRDY is inactive when the byte is
available.
3) When the system reads the port, the read strobe
( IOR ) is used as an acknowledge by the remote
DMA.
Steps 1-3 are repeated until the remote DMA is finished.
Note that if a local DMA is in progress, the remote DMA is held
off until the local DMA is finished.
Remote Write Timing
A Remote Write operation transfers data from the I/O port to
the local buffer RAM. The system transfers a byte/word to the
latch via IOW , and this write strobe is detected by the ENC.
The remote DMA then holds off further transfers into the latch
until the current byte/word has been transferred from the latch,
after which the next transfer can begin.
1) The system
writes a byte/word into the latch.
If
DM9008
is
not
ready
to
accept
the
byte/word,
IOCHRDY will be pulled low to insert wait states into
the PC. IOCHRDY is inactive when the byte/word is
accepted by DM9008.
2) The remote DMA reads the contents of the port and
writes
the
byte/word
to
local
buffer
memory,
increments the address,
and decrements the byte
count (RBCR0, 1).
Steps 1-2 are repeated until the remote DMA is finished.
Slave Mode Timing
When the PC reads or writes any internal registers of DM9008,
DM9008 becomes a bus slave. All register accesses are
byte-wide. The PC accesses internal registers with four
address lines, SA0-SA3, and IOR and IOW strobes. Since
DM9008 may be a local bus master when the PC attempts to
read or write to DM9008, or attempts to read Boot-ROM data,
IOCHRDY will be pulled low to hold off the PC until DM9008
leaves master mode.
Boot-ROM Data Read
The Boot-ROM data pins are connected to Memory Data pins
MD0-7. DM9008 transfers these data to SD0-7 if the PC
activates a memory read operation with the address in the
range of the Boot-ROM address space.
Hardware Reset
DM9008 will be reset if RST is high. The ENC module can also
be reset when the PC reads the RESET port, followed by an
IOW operation.
The following bits will be cleared or set when DM9008 is reset.
Register
Reset Bits
Set Bits
CR
TXP, STA
RD2, STP
ISR
RST
IMR
D0 - D6
DCR
LAS
TCR
LB1, LB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com