Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
26
Final
Version :DM9008-DS-F02
June 14, 2000
Functional Description
Plug and Play (PnP) Module
Auto-configuration Ports
Three 8-bit I/O ports are defined for the PnP read/write operations. They are called "Auto-configuration ports", and are listed below.
Port Name
Type
Location
ADDRESS
W
279H (Printer status port)
WRITE DATA
W
A79H (Printer status prot + 800H)
READ DATA
R
Relocatable in range 203H to 3FFH
The Plug and Play registers are accessed by first writing the
address of the desired register, which is called the "Register
Index". This can be followed by any number of WRITE_DATA
or READ_DATA accesses to the same indexed register
without any need to write to the ADDRESS port before each
access.
The Address port is also the write destination of the initiation
key, which will be described later.
Plug and Play Registers
The Plug and Play registers may be divided into two groups:
card registers and logical device registers. According to the
Plug and Play specification, for each additional device
contained in a PnP card, there should be a corresponding copy
of the logical device register. However, because the DM9008
contains only one logical device, the card registers and logical
device registers are unique for each card. Those PnP registers
or bits not defined in the following table are all read with value
= 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com