Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 60Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 61Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 62Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 63Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 64Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 65Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 66Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 67Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 68Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
66
Final
Version :DM9008-DS-F02
June 14, 2000
Introduction to the Plug&Play Function of DM9008
The Plug&Play is a mechanism to provide automatic
configuration ability to ISA card in the PC. About the Plug&Play
Specification, please reference to "Plug and Play ISA
Specification" issued by Intel Corporation and Microsoft
Corporation. The DM9008 follows this industry standard to
allow Plug&Paly software to program its configuration. The
Plug&Play Software includes Windows 95, Intel Plug&Play
unilities, Plug&Paly BIOS and etc. For the PC without
Plug&Play environment, DM9008 also supports Plug&Play
auto-detection facility to solve the configuration disabled
problem. So, the DM9008 can work properly in both Plug&Play
and Non-Plug&Play computer.
Three Mode Supported by DM9008
To meet the different requirements, DM9008 offers three
operation modes. Those modes can be programmed in
EEPROM. DM9008 will change the operation mode only when
the hardware reset is occurred. Those will be described as
follows:
1. Auto-detection
mode: DM9008 will detect the PC
environment automatically. If the environment without
Plug&Play Software executed, DM9008 will set itself to
be jumperless mode and the initial configuration is set
by EEPROM Otherwise, the DM9008 configuration is
programmed by Plug&Play software.
2. Jumperless
mode:
In
this
mode,
the
DM9008
configuration
cannot
be
programmed
by
Plug&Play
software and only decided by EEPROM.
3. Plug&Play mode: The initial configuration for DM9008
is
disabled.
It
needs
the
Plug&Play
Software
to
program its configuration.
Two Initial Key Software by DM9008
The Initial Key is provided by DM9008 to drive the Plug&Play
logic to accept the command. The Initial Key defined by
Plug&Play Spec is called as PnP Initial Key. Another Initial Key
only defined by DM9008 is called as DM Initial Key. Both of
them include a series of writing (32 I/O writes) to the Address
Port. The PnP Initial Key will drive all Plug&Play ISA card. The
DM Initial Key will effects the DM9008 adapter only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com