Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
28
Final
Version :DM9008-DS-F02
June 14, 2000
Logical Device Control Registers
Index
Name
Type
Definition
30H
Activate
R/W
For each logical device, there is one Activate register that
controls whether or not the device is active on the ISA bus.
Bit[0], if set, activates the logical device. Before a logical
device is activated, I/O range check must be disabled
31H
I/O Range Check
R/W
This register is used to perform a conflict check on the I/O
port range programmed for use by a logical device
Bit[1] - This bit, when set, enables I/O range check
I/O range check is only valid when the logical device is
inactive
Bit[0] - If set, this bit forces logical device to respond to I/O
reads within logical device's assigned I/O range with
a55H when I/O range check is in operation. If clear, the
logical device drives AAH
Logical Device Configuration Registers
Memory Configuration Registers
Index
Name
Type
Definition
40H
BROM base address
bits[23:16]
R/W
Bits[23:20] and bit[17] are read only when their values = 0.
All other bits are read/write bits
41H
BROM base address
bits[15:0]
R/W
Bits[13:8] are read only when their values = 0.
All other bits are read/write bits
42H
Memory Control
R
00H (Only 8-bit operation is supported for BROM)
I/O Configuration Registers
Index
Name
Type
Definition
60H
I/O base address
bits[15:8]
R/W
Bits[15:10] are read-only with undetermined values. Bit[9] is
read only, and is always 1.
All other bits are read/write bits
61H
I/O base address
bits[7:0]
R/W
Bits[4:0] are read only when their values = 0.
All other bits are read/write bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com