Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
8
Final
Version :DM9008-DS-F02
June 14, 2000
ENC Register Address Assignments
Page 0 (PS1 = 0, PS0 = 0)
SA0-SA3
RD
WR
00H
Command (CR)
Command (CR)
01H
Current Local DMA
Address 0 (CLDA0)
Page Start Register
(PSTART)
02H
Current Local DMA
Address 1 (CLDA1)
Page Stop Register
(PSTOP)
03H
Boundary Pointer
(BNRY)
Boundary
Pointer(BNRY)
04H
Transmit Status
Register (TSR)
Transmit Page Start
Address (TPSR)
05H
Number of
Collisions Register
(NCR)
Transmit Byte
Count Register 0
(TBCR0)
06H
FIFO
Transmit Byte
Count Register 1
(TBCR1)
07H
Interrupt Status
Register (ISR)
Interrupt Status
Register (ISR)
08H
Current Remote
DMA Address 0
(CRDA0)
Remote Start
Address Register 0
(RSAR0)
09H
Current Remote
DMA Address 1
(CRDA1)
Remote Start
Address Register 1
(RSAR1)
0AH
Configuration
Register A
Remote Byte Count
Register 0 (RBCR0)
0BH
Configuration
Register B
Remote Byte Count
Register 1 (RBCR1)
0CH
Receive Status
Register (RSR)
Receive Configura-
tion Register (RCR)
0DH
Tally Counter 0
(Frame AlignmentÞ
Errors) (CNTR0)
Transmit
Configuration
Register (TCR)
0EH
Tally Counter 1
(CRC Errors)
(CNTR1)
Data Configuration
Register (DCR)
0FH
Tally Counter 2
(Missed Packet
Errors) (CNTR2)
Interrupt Mask
Register (IMR)
Page 1 (PS1 = 0, PS0 = 1)
SA0-SA3
RD
WR
00H
Command (CR)
Command (CR)
01H
Physical Address
Register 0 (PAR0)
Physical Address
Register 0 (PAR0)
02H
Physical Address
Register 1 (PAR1)
Physical Address
Register 1 (PAR1)
03H
Physical Address
Register 2 (PAR2)
Physical Address
Register 2 (PAR2)
04H
Physical Address
Register 3 (PAR3)
Physical Address
Register 3 (PAR3)
05H
Physical Address
Register 4 (PAR4)
Physical Address
Register 4 (PAR4)
06H
Physical Address
Register 5 (PAR5)
Physical Address
Register 5 (PAR5)
07H
Current Page
Register (CURR)
Current Page
Register (CURR)
08H
Multicast Address
Register 0 (MAR0)
Register 0
(MAR0)Multicast
Address
09H
Multicast Address
Register 1 (MAR1)
Multicast Address
Register 1 (MAR1)
0AH
Multicast Address
Register 2 (MAR2)
Multicast Address
Register 2 (MAR2)
0BH
Multicast Address
Register 3 (MAR3)
Multicast Address
Register 3 (MAR3)
0CH
Multicast Address
Register 4 (MAR4)
Multicast Address
Register 4 (MAR4)
0DH
Multicast Address
Register 5 (MAR5)
Multicast Address
Register 5 (MAR5)
0EH
Multicast Address
Register 6 (MAR6)
Multicast Address
Register 6 (MAR6)
0FH
Multicast Address
Register 7 (MAR7)
Multicast Address
Register 7 (MAR7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com