Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
43
Version :DM9008-DS-F02
June 14, 2000
Prior to transmission, TPSR and TBCR0, TBCR1 must be
initialized. To initiate transmission of the packet, the TXP bit in
the Command Register is set. The Transmit Status Register
(TSR) is cleared and DM9008 begins to transmit data from
memory (unless the ENC is currently receiving). If the
interframe gap has timed out, ENC will begin transmission.
Collision Recovery
During transmission, Buffer Management logic monitors the
transmit circuitry to determine whether a collision has
occurred. If a collision is detected, the Buffer Management
logic will reset the FIFO and restore the Transmit DMA pointers
for retransmission of the packet. The COL bit will be set in TSR
and NCR (Number of Collisions Register) will be incremented.
If 15 successive retransmissions each result in a collision, the
transmission will be aborted and the ABT bit in TSR will be set.
Note: NCR reads as all zeroes if excessive collisions are
encountered.
Transmit Packet Assembly Format
The following diagrams describe the format for assembling
packets prior to transmission for different byte ordering
schemes. The various formats are selected in the DCR.
D15
D8
D7
D0
DA1
DA0
DA3
DA2
DA5
DA4
SA1
SA0
SA3
SA2
SA5
SA4
T/L1
T/L0
DATA1
DATA0
BOS=0, WTS=1 in DCR
This format is used with Series 32000 808X-type processors.
D15
D8
D7
D0
DA0
DA1
DA2
DA3
DA4
DA5
SA0
SA1
SA2
SA3
SA4
SA5
T/L0
T/L1
DATA0
DATA1
BOS =1, WTS = 1 in DCR
This format is used with 68000-type processors.
D7
D0
DA0
DA1
DA2
DA3
DA4
DA5
SA0
SA1
BOS = 0, WTS = 0 in DCR
This format is used with general 8-bit CPUs.
Loopback Diagnostics
Three forms of local loopback are provided on the DM9008.
The user has the ability to loop back through the deserializer
on the ENC, through the ENA, and to the co-ax to check the
link via the transceiver circuitry. Because of the half duplex
architecture of DM9008, loopback testing is a special mode of
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com