Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
7
Version :DM9008-DS-F02
June 14, 2000
Pin Description (continued)
Pin No.
Symbol
I/O
Description
NETWORK INTERFACE PINS
39
40
RX-
RX+
I
RECEIVE INPUT: Differential receive input pair from the transceiver
41
42
CD-
CD+
I
COLLISION INPUT: Differential collision input pair from the
transceiver
50
49
TPTX+
TPTX-
O
TP Driver Outputs. These two outputs provide the TP drivers with
pre-distortion capability
46
45
TPRX+
TPRX-
I
TP Receive Input. A differential receiver tie to the receive
transformer pair of the twisted-pair wire.
The receive pair of the twisted-pair medium is driven with 10
Mbits/s Manchester-encoded data
5
LILED
OPEN
DRAIN
LINK and Traffic LED Driver: If TP is LINK-pass, this pin outputs low.
This pin will go low for 80ms and then into high impedance state for
50ms to indicate the presence of traffic on the network
76
NC
No connection
POWER SUPPLY PINS
36, 47, 48
AVCC
+5V DC power supply for analog CKT. A decoupling capacitor
should be connected between these pins and GND for analog CKT
43, 44, 51
AGND
GND for analog CKT
1, 53, 72
VCC
+5V DC power supply for digital CKT. A decoupling capacitor should
be connected between these pins and GND for digital CKT
52, 73, 74,
75, 100
GND
GND for digital CKT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com