Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DM9008 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
5
Version :DM9008-DS-F02
June 14, 2000
Pin Description
Pin No.
Symbol
I/O
Description
PC ISA BUS INTERFACE PINS
96 - 99
3 - 5
7
9
11 - 13
15 - 18
20, 22
SA0 - SA3
SA4 - SA6
SA7
SA8
SA9 - SA11
SA14 - SA17
SA18, SA19
I
SYSTEM ADDRESS: These signals are connected to the address
bus of the PC I/O slot. They are used to select the DM9008 I/O ports
or the boot ROM address
26 - 33
88 - 81
SD0 - SD7
SD8 - SD15
I/O, Z
SYSTEM DATA: These signals are connected to the data bus of the
PC I/O bus slot. They are used to transfer data between the PC and
the DM9008
2
BALE
I
ADDRESS LATCH ENABLE: PC ISA bus BALE signal; used only to
define the timing of IOCHRDY in Remote DMA
This pin is not used if the value of biteA of CRB is 0, and tie to high to
prevent floating.
14
SYSCLK
I
SYSTEM CLOCK: PC ISA bus system clock
This pin is not used if the value of biteA of CRB is 0, and tie to high to
prevent floating.
19
IOR
I
I/O READ: An active low signal used to read data from the DM9008
21
IOW
I
I/O WRITE: An active low signal used to write data to the DM9008
23
SMEMR
I
MEMORY READ: An active low signal used to read boot ROM data
35
RST
I
RESET: An active high signal used to power-on reset the DM9008
24
AEN
I
ADDRESS ENABLE: This is an active low signal used to enable the
system address for the DM9008
25
IOCHRDY
O I, Z
I/O CHANNEL READY: The DM9008 sets this signal low to insert
wait states into the PC ISA bus
89
MEMW
I
MEMORY WRITE: PC ISA bus memory write signal
This pin is not used if the value of biteA of CRB is 0, and tie to high to
prevent floating.
90
MEMR
I
MEMORY READ: PC ISA bus memory read signal
This pin is not used if the value of biteA of CRB is 0, and tie to high to
prevent floating.
95
IO16
O, Z
16-BIT I/O: This signal goes low when the data transfer between the
DM9008 and the PC ISA bus is word wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com