Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
19
Version :DM9008-DS-F02
June 14, 2000
Receive Configuration Register (RCR)
This register determines the operation of the NIC during reception of a packet, and is used to program what types of packets to accept.
7
6
5432
1
0
--
--
MON
PRO
AM
ABP
ARP
SEP
Bit
Symbol
Description
D0
SEP
Save Errored Packets
0: Packets with receive errors are rejected
1: Packets with receive errors are accepted. Receive errors are CRC and Frame
Alignment errors
D1
ARP
Accept Runt Packets
0: Packets with fewer than 64 bytes rejected
1: Packets with fewer than 64 bytes accepted
D2
ABP
Accept Broadcast
0: Packets with all 1's broadcast destination address rejected
1: Packets with all 1's broadcast destination address accepted
D3
AM
Accept Multicast
0: Packets with multicast destination address not checked
1: Packets with multicast destination address checked
D4
PRO
Promiscuous Physical
0: Physical address of node must match the station address programmed in PARO-
PAR5 (physical address checked)
1: All packets with physical address accepted (physical address not checked)
D5
MON
Monitor Mode: Enables the receiver to check addresses and CRC on incoming packets
without buffering to memory. The Missed Packet Tally counter will be incremented for each
recognized packet
0: Packets buffered to memory
1: Packets checked for address match, good CRC and Frame Alignment, but not buffered
to memory
D6
--
Reserve: must be set to zero
D7
--
Reserved
Note: D2 and D3 are "OR'd" together, i.e., if D2 and D3 are set, DM9008 will accept broadcast and multicast
addresses,
as well as its own physical address. To establish full promiscuous mode, bits D2, D3, and D4
should be set. In addition, the multicast hashing array must be set to all 1's to accept all multicast addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com