Electronic Components Datasheet Search
  English  ▼

X  

DM9008 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button DM9008 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
14
Final
Version :DM9008-DS-F02
June 14, 2000
Interrupt Line Status Register
The logic value of DM9008's eight interrupt pins can be read in register 09H of ENC, page 2.
76
5432
1
0
IRQ15
IRQ12
IRQ11
IRQ10
IRQ9
IRQ5
IRQ4
IRQ3
Bit
Symbol
Description
0 - 7
IRQ3-15
INTERRUPT LINE STATUS: The logic values of interrupt pins IRQ3-15
Interrupt Line Pull-Down Register
When any one of the eight bits in register 09H of ENC page 2 is set to one, the corresponding interrupt line will be pulled down to GND
with a resistor whose value is approximately 1K. All bits of this register are power-on low.
76
5432
1
0
IRQPD15
IRQPD12
IRQPD11
IRQPD10
IRQPD9
IRQPD5
IRQPD4
IRQPD3
Bit
Symbol
Description
0 - 7
IRQPD3-15
INTERRUPT LINE PULL-DOWN: When one, enables the interrupt line to be pulled down
with 1K resistor
Boot ROM Page Register
The boot ROM page register can be read or written in register 0AH of ENC page 2.
All bits of this register are power-on low.
7
6
5432
1
0
XMA8
XMA7
XMA6
XMA5
XMA4
XMA3
XMA2
XMA1
Bit
Symbol
Description
0 - 7
XMA1-8
BOOT ROM PAGE ADDRESS: When boot ROM is read by host, the value of this register will
be indicated by MEMORY ADDRESS PA0-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com