Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 30Page - Texas Instruments TMS320DM642 Datasheet HTML 31Page - Texas Instruments TMS320DM642 Datasheet HTML 32Page - Texas Instruments TMS320DM642 Datasheet HTML 33Page - Texas Instruments TMS320DM642 Datasheet HTML 34Page - Texas Instruments TMS320DM642 Datasheet HTML 35Page - Texas Instruments TMS320DM642 Datasheet HTML 36Page - Texas Instruments TMS320DM642 Datasheet HTML 37Page - Texas Instruments TMS320DM642 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 178 page
background image
www.ti.com
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 2-4. Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
EMIFA (64-bit) – ASYNCHRONOUS/SYNCHRONOUS MEMORY CONTROL
EMIFA external input clock. The EMIFA input clock (AECLKIN, CPU/4 clock, or
CPU/6 clock) is selected at reset via the pullup/pulldown resistors on the
AECLKIN
H25
I
IPD
AEA[20:19] pins.
AECLKIN is the default for the EMIFA input clock.
EMIFA output clock 2. Programmable to be EMIFA input clock (AECLKIN,
AECLKOUT2
J23
O/Z
IPD
CPU/4 clock, or CPU/6 clock) frequency divided-by-1, -2, or -4.
EMIFA output clock 1 [at EMIFA input clock (AECLKIN, CPU/4 clock, or CPU/6
AECLKOUT1
J26
O/Z
IPD
clock) frequency].
EMIFA asynchronous memory read-enable/SDRAM column-address
strobe/programmable synchronous interface-address strobe or read-enable
AARE/
•
For programmable synchronous interface, the RENEN field in the CE Space
ASDCAS/
J25
O/Z
IPU
Secondary Control Register (CExSEC) selects between ASADS and ASRE:
ASADS/ASRE
If RENEN = 0, then the ASADS/ASRE signal functions as the ASADS signal.
If RENEN = 1, then the ASADS/ASRE signal functions as the ASRE signal.
AAOE/
EMIFA asynchronous memory output-enable/SDRAM row-address
ASDRAS/
J24
O/Z
IPU
strobe/programmable synchronous interface output-enable
ASOE
AAWE/
EMIFA asynchronous memory write-enable/SDRAM write-enable/programmable
ASDWE/
K26
O/Z
IPU
synchronous interface write-enable
ASWE
EMIFA SDRAM clock-enable (used for self-refresh mode).
ASDCKE
L25
O/Z
IPU
•
If SDRAM is not in system, ASDCKE can be used as a general-purpose
output.
EMIFA synchronous memory output-enable for ACE3 (for glueless FIFO
ASOE3
R22
O/Z
IPU
interface)
AARDY
L22
I
IPU
Asynchronous memory ready input
EMIFA (64-bit) – ADDRESS
AEA22
U23
AEA21
V24
AEA20
V25
EMIFA external address (doubleword address)
AEA19
V26
EMIFA address numbering for the DM642 device starts with AEA3 to maintain
signal name compatibility with other C64x™ devices (e.g., C6414, C6415, and
AEA18
V23
C6416) [see the 64-bit EMIF addressing scheme in the TMS320C6000 DSP
AEA17
U24
External Memory Interface (EMIF) Reference Guide (literature number
SPRU266)].
AEA16
U25
Boot Configuration:
AEA15
U26
•
Controls initialization of DSP modes at reset (I) via pullup/pulldown resistors
AEA14
T24
–
Boot mode (AEA[22:21]):
AEA13
T25
00 - No boot (default mode)
O/Z
IPD
01 - HPI/PCI boot (based on PCI_EN pin)
AEA12
R23
10 - Reserved
AEA11
R24
11 - EMIFA boot
AEA10
P23
–
EMIF clock select (AEA[20:19]):
Clock mode select for EMIFA (AECLKIN_SEL[1:0])
AEA9
P24
00 - AECLKIN (default mode)
AEA8
P26
01 - CPU/4 Clock Rate
10 - CPU/6 Clock Rate
AEA7
N23
11 - Reserved
AEA6
N24
For more details, see the Device Configurations section of this data sheet.
AEA5
N26
AEA4
M23
AEA3
M24
34
Device Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com