Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM642 Datasheet HTML 1Page - Texas Instruments TMS320DM642 Datasheet HTML 2Page - Texas Instruments TMS320DM642 Datasheet HTML 3Page - Texas Instruments TMS320DM642 Datasheet HTML 4Page - Texas Instruments TMS320DM642 Datasheet HTML 5Page - Texas Instruments TMS320DM642 Datasheet HTML 6Page - Texas Instruments TMS320DM642 Datasheet HTML 7Page - Texas Instruments TMS320DM642 Datasheet HTML 8Page - Texas Instruments TMS320DM642 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 178 page
background image
www.ti.com
1
TMS320DM642 Video/Imaging Fixed-Point Digital Signal Processor
1.1
Features
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Memory Space
• High-Performance Digital Media Processor
–
2-, 1.67-, 1.39-ns Instruction Cycle Time
• Enhanced Direct-Memory-Access (EDMA)
Controller (64 Independent Channels)
–
500-, 600-, 720-MHz Clock Rate
–
Eight 32-Bit Instructions/Cycle
• 10/100 Mb/s Ethernet MAC (EMAC)
–
4000, 4800, 5760 MIPS
–
IEEE 802.3 Compliant
–
Fully Software-Compatible With C64x™
–
Media Independent Interface (MII)
–
8 Independent Transmit (TX) Channels and
• VelociTI.2™ Extensions to VelociTI™
1 Receive (RX) Channel
Advanced Very-Long-Instruction-Word (VLIW)
TMS320C64x™ DSP Core
• Management Data Input/Output (MDIO)
–
Eight Highly Independent Functional Units
• Three Configurable Video Ports
With VelociTI.2™ Extensions:
–
Providing a Glueless I/F to Common Video
• Six ALUs (32-/40-Bit), Each Supports
Decoder and Encoder Devices
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
–
Supports Multiple Resolutions/Video Stds
Arithmetic per Clock Cycle
• VCXO Interpolated Control Port (VIC)
• Two Multipliers Support Four 16 x 16-Bit
–
Supports Audio/Video Synchronization
Multiplies (32-Bit Results) per Clock
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
• Host-Port Interface (HPI) [32-/16-Bit]
Results) per Clock Cycle
• 32-Bit/66-MHz, 3.3-V Peripheral Component
–
Load-Store Architecture With Non-Aligned
Interconnect (PCI) Master/Slave Interface
Support
Conforms to PCI Specification 2.2
–
64 32-Bit General-Purpose Registers
• Multichannel Audio Serial Port (McASP)
–
Instruction Packing Reduces Code Size
–
Eight Serial Data Pins
–
All Instructions Conditional
–
Wide Variety of I2S and Similar Bit Stream
• Instruction Set Features
Format
–
Byte-Addressable (8-/16-/32-/64-Bit Data)
–
Integrated Digital Audio I/F Transmitter
–
8-Bit Overflow Protection
Supports S/PDIF, IEC60958-1, AES-3,
CP-430 Formats
–
Bit-Field Extract, Set, Clear
• Inter-Integrated Circuit (I2C Bus™)
–
Normalization, Saturation, Bit-Counting
–
VelociTI.2™ Increased Orthogonality
• Two Multichannel Buffered Serial Ports
• L1/L2 Memory Architecture
• Three 32-Bit General-Purpose Timers
–
128K-Bit (16K-Byte) L1P Program Cache
• Sixteen General-Purpose I/O (GPIO) Pins
(Direct Mapped)
• Flexible PLL Clock Generator
–
128K-Bit (16K-Byte) L1D Data Cache (2-Way
• IEEE-1149.1 (JTAG) Boundary-
Set-Associative)
Scan-Compatible
–
2M-Bit (256K-Byte) L2 Unified Mapped
• 548-Pin Ball Grid Array (BGA) Package
RAM/Cache (Flexible RAM/Cache
Allocation)
(GDK and ZDK Suffixes), 0.8-mm Ball Pitch
• Endianess: Little Endian, Big Endian
• 548-Pin Ball Grid Array (BGA) Package
(GNZ and ZNZ Suffixes), 1.0-mm Ball Pitch
• 64-Bit External Memory Interface (EMIF)
• 0.13-µm/6-Level Cu Metal Process (CMOS)
–
Glueless Interface to Asynchronous
Memories (SRAM and EPROM) and
• 3.3-V I/O, 1.2-V Internal (-500)
Synchronous Memories (SDRAM, SBSRAM,
• 3.3-V I/O, 1.4-V Internal (A-500, A-600, -600,
ZBT SRAM, and FIFO)
-720)
•
1024M-Byte Total Addressable External
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
Windows is a registered trademark of Microsoft Corporation.
I2C Bus is a trademark of Philips Electronics N.V..
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320DM642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM642 TI-TMS320DM642 Datasheet
1Mb / 176P
Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI1-TMS320DM642 Datasheet
1Mb / 178P
Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642AGDK5 TI-TMS320DM642AGDK5 Datasheet
1Mb / 176P
Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642AGDK6 TI-TMS320DM642AGDK6 Datasheet
1Mb / 176P
Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642AGDK6 TI1-TMS320DM642AGDK6 Datasheet
1Mb / 178P
Video/Imaging Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320DM642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM643 TI-TMS320DM643_07 Datasheet
1Mb / 162P
Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM642 TI-TMS320DM642_08 Datasheet
1Mb / 176P
Video/Imaging Fixed-Point Digital Signal Processor
SM320DM642-EP TI-SM320DM642-EP Datasheet
1Mb / 170P
Video/Imaging Fixed Point Digital Signal Processor
SM320DM642-EP TI-SM320DM642-EP_10 Datasheet
1Mb / 170P
Video/Imaging Fixed Point Digital Signal Processor
SM320DM642-HIREL TI1-SM320DM642-HIREL Datasheet
1Mb / 170P
SM320DM642-HiRel Video/Imaging Fixed Point Digital Signal Processor
TMS320DM643AZDK5 TI1-TMS320DM643AZDK5 Datasheet
1Mb / 164P
Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM642 TI1-TMS320DM642_17 Datasheet
1Mb / 178P
Video/Imaging Fixed-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com