Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 51Page - Texas Instruments TMS320DM642 Datasheet HTML 52Page - Texas Instruments TMS320DM642 Datasheet HTML 53Page - Texas Instruments TMS320DM642 Datasheet HTML 54Page - Texas Instruments TMS320DM642 Datasheet HTML 55Page - Texas Instruments TMS320DM642 Datasheet HTML 56Page - Texas Instruments TMS320DM642 Datasheet HTML 57Page - Texas Instruments TMS320DM642 Datasheet HTML 58Page - Texas Instruments TMS320DM642 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 178 page
background image
www.ti.com
3.1.2
Device Configuration at Device Reset
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 3-2. HPI vs. EMAC Peripheral Pin Selection
CONFIGURATION SELECTION
PERIPHERALS SELECTED
GP0[0] (Pin [M5])(1)
HD5 (Pin [Y1])
MAC_EN (Pin [C5])
HD[15:0]
HD[31:16]
0
0
0
HPI16
Hi-Z
0
0
1
HPI16
used for EMAC
0
1
0
HPI32 (HD[31:0])
0
1
1
Hi-Z
used for EMAC
(1) Invalid configuration. The GP0[0] pin must remain low during
1
X
X
device reset.
Table 3-3 describes the DM642 device configuration pins, which are set up via external pullup/pulldown
resistors through the specified EMIFA address bus pins (AEA[22:19]), and the TOUT1/LENDIAN,
GP0[3]/PCIEEAI, and the HD5 pins (all of which are latched during device reset).
Table 3-3. DM642 Device Configuration Pins (TOUT1/LENDIAN, AEA[22:19], GP0[3]/PCIEEAI,
VDAC/GP0[8]/PCI66, HD5/AD5, PCI_EN, and MAC_EN)
CONFIGURATION
NO.
FUNCTIONAL DESCRIPTION
PIN
Device Endian mode (LEND)
TOUT1/LENDIAN
B5
0 - System operates in Big Endian mode
1 - System operates in Little Endian mode (default)
Bootmode [1:0]
00 - No boot (default mode)
[U23,
AEA[22:21]
01 - HPI/PCI boot (based on PCI_EN pin)
V24]
10 - Reserved
11 - EMIFA boot
EMIFA input clock select
Clock mode select for EMIFA (AECLKIN_SEL[1:0])
[V25,
00 - AECLKIN (default mode)
AEA[20:19]
V26]
01 - CPU/4 Clock Rate
10 - CPU/6 Clock Rate
11 - Reserved
PCI EEPROM Auto-Initialization (PCIEEAI)
PCI auto-initialization via external EEPROM
0 - PCI auto-initialization through EEPROM is disabled; the PCI peripheral uses the specified PCI
GP0[3]/PCIEEAI
L5
default values (default).
1 - PCI auto-initialization through EEPROM is enabled; the PCI peripheral is configured through
EEPROM provided the PCI peripheral pin is enabled (PCI_EN = 1).
PCI frequency selection (PCI66) [PCI peripheral needs be enabled (PCI_EN = 1) to use this function]
Selects the PCI operating frequency of 66 MHz or 33 MHz PCI operating frequency is selected at reset
via the pullup/pulldown resistor on the PCI66 pin:
0 - PCI operates at 66 MHz (default).
VDAC/GP0[8]/PCI66
AD1
1 - PCI operates at 33 MHz.
The -500 speed device supports PCI at 33 MHz only. For proper -500 device operation when the PCI is
enabled (PCI_EN = 1), this pin must be pulled up with a 1-k
Ω resistor at device reset.
Note: If the PCI peripheral is disabled (PCI_EN pin = 0), this pin must not be pulled up.
Device Configurations
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com