Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 61Page - Texas Instruments TMS320DM642 Datasheet HTML 62Page - Texas Instruments TMS320DM642 Datasheet HTML 63Page - Texas Instruments TMS320DM642 Datasheet HTML 64Page - Texas Instruments TMS320DM642 Datasheet HTML 65Page - Texas Instruments TMS320DM642 Datasheet HTML 66Page - Texas Instruments TMS320DM642 Datasheet HTML 67Page - Texas Instruments TMS320DM642 Datasheet HTML 68Page - Texas Instruments TMS320DM642 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 178 page
background image
www.ti.com
3.6
Debugging Considerations
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 3-8. DM642 Device Multiplexed Pin Configurations(1) (continued)
MULTIPLEXED PINS
DEFAULT
DEFAULT
DESCRIPTION
FUNCTION
SETTING
NAME
NO.
By default, HPI is enabled upon reset (PCI is disabled).
To enable the PCI peripheral, an external pullup resistor
HD[23,15:0]/AD[23,15:0]
(2)
HD[23, 15:0]
PCI_EN = 0 (disabled)(1)
(1 k
Ω) must be provided on the PCI_EN pin (setting
PCI_EN = 1 at reset).
HD31/AD31/MRCLK
G1
HD31
HD30/AD30/MCRS
H3
HD30
HD29/AD29/MRXER
G2
HD29
HD28/AD28/MRXDV
J4
HD28
HD27/AD27/MRXD3
H2
HD27
By default, HPI is enabled upon reset (PCI is disabled).
HD26/AD26/MRXD2
J3
HD26
To enable the PCI peripheral, an external pullup resistor
HD25/AD25/MRXD1
J1
HD25
PCI_EN = 0 (disabled)(1)
(1 k
Ω) must be provided on the PCI_EN pin (setting
HD24/AD24/MRXD0
K4
HD24
MAC_EN = 0
PCI_EN = 1 at reset).
(disabled)(1)
HD22/AD22/MTCLK
L4
HD22
To enable the EMAC peripheral, an external pullup resistor
(1 k
Ω) must be provided on the MAC_EN pin (setting
HD21/AD21/MCOL
K2
HD21
MAC_EN = 1 at reset).
HD20/AD20/MTXEN
L3
HD20
HD19/AD19/MTXD3
L2
HD19
HD18/AD18/MTXD2
M4
HD18
HD17/AD17/MTXD1
M2
HD17
HD16/AD16/MTXD0
M3
HD16
It is recommended that external connections be provided to device configuration pins, including
TOUT1/LENDIAN,
AEA[22:19],
GP0[3]/PCIEEAI,
VDAC/GP0[8]/PCI66,
HD5/AD5,
PCI_EN,
and
TOUT0/MAC_EN. Although internal pullup/pulldown resistors exist on these pins, providing external
connectivity adds convenience to the user in debugging and flexibility in switching operating modes.
Internal pullup/pulldown resistors also exist on the non-configuration pins on the AEA bus (AEA[18:0]). Do
not oppose the internal pullup/pulldown resistors on these non-configuration pins with external
pullup/pulldown resistors. If an external controller provides signals to these non-configuration pins, these
signals must be driven to the default state of the pins at reset, or not be driven at all.
For the internal pullup/pulldown resistors for all device pins, see the terminal functions table.
Device Configurations
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com