Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 79Page - Texas Instruments TMS320DM642 Datasheet HTML 80Page - Texas Instruments TMS320DM642 Datasheet HTML 81Page - Texas Instruments TMS320DM642 Datasheet HTML 82Page - Texas Instruments TMS320DM642 Datasheet HTML 83Page - Texas Instruments TMS320DM642 Datasheet HTML 84Page - Texas Instruments TMS320DM642 Datasheet HTML 85Page - Texas Instruments TMS320DM642 Datasheet HTML 86Page - Texas Instruments TMS320DM642 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 178 page
background image
www.ti.com
5.5
Interrupts
5.5.1
Interrupt Sources and Interrupt Selector
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
The C64x DSP core supports 16 prioritized interrupts, which are listed in Table 5-7. The highest-priority
interrupt is INT_00 (dedicated to RESET) while the lowest-priority interrupt is INT_15. The first four
interrupts (INT_00–INT_03) are non-maskable and fixed. The remaining interrupts (INT_04–INT_15) are
maskable and default to the interrupt source specified in Table 5-7. The interrupt source for interrupts
4–15 can be programmed by modifying the selector value (binary value) in the corresponding fields of the
Interrupt Selector Control registers: MUXH (address 0x019C0000) and MUXL (address 0x019C0004).
Table 5-7. DM642 DSP Interrupts
INTERRUPT
CPU
SELECTOR
SELECTOR
INTERRUPT
INTERRUPT
VALUE
INTERRUPT SOURCE
CONTROL
EVENT
NUMBER
(BINARY)
REGISTER
INT_00(1)
–
–
RESET
INT_01(1)
–
–
NMI
INT_02(1)
–
–
Reserved
Reserved. Do not use.
INT_03(1)
–
–
Reserved
Reserved. Do not use.
INT_04(2)
MUXL[4:0]
00100
GPINT4/EXT_INT4
GP0 interrupt 4/External interrupt pin 4
INT_05(2)
MUXL[9:5]
00101
GPINT5/EXT_INT5
GP0 interrupt 5/External interrupt pin 5
INT_06(2)
MUXL[14:10]
00110
GPINT6/EXT_INT6
GP0 interrupt 6/External interrupt pin 6
INT_07(2)
MUXL[20:16]
00111
GPINT7/EXT_INT7
GP0 interrupt 7/External interrupt pin 7
INT_08(2)
MUXL[25:21]
01000
EDMA_INT
EDMA channel (0 through 63) interrupt
INT_09(2)
MUXL[30:26]
01001
EMU_DTDMA
EMU DTDMA
INT_10(2)
MUXH[4:0]
00011
SD_INTA
EMIFA SDRAM timer interrupt
INT_11(2)
MUXH[9:5]
01010
EMU_RTDXRX
EMU real-time data exchange (RTDX) receive
INT_12(2)
MUXH[14:10]
01011
EMU_RTDXTX
EMU RTDX transmit
INT_13(2)
MUXH[20:16]
00000
DSP_INT
HPI/PCI-to-DSP interrupt
INT_14(2)
MUXH[25:21]
00001
TINT0
Timer 0 interrupt
INT_15(2)
MUXH[30:26]
00010
TINT1
Timer 1 interrupt
–
–
01100
XINT0
McBSP0 transmit interrupt
–
–
01101
RINT0
McBSP0 receive interrupt
–
–
01110
XINT1
McBSP1 transmit interrupt
–
–
01111
RINT1
McBSP1 receive interrupt
–
–
10000
GPINT0
GP0 interrupt 0
–
–
10001
Reserved
Reserved. Do not use.
–
–
10010
Reserved
Reserved. Do not use.
–
–
10011
TINT2
Timer 2 interrupt
–
–
10100
Reserved
Reserved. Do not use.
–
–
10101
Reserved
Reserved. Do not use.
–
–
10110
ICINT0
I2C0 interrupt
–
–
10111
Reserved
Reserved. Do not use.
–
–
11000
EMAC_MDIO_INT
EMAC/MDIO interrupt
–
–
11001
VPINT0
VP0 interrupt
–
–
11010
VPINT1
VP1 interrupt
(1)
Interrupts INT_00 through INT_03 are non-maskable and fixed.Interrupts
(2)
INT_04 through INT_15 are programmable by modifying the binary selector values in the Interrupt Selector Control registers fields.
Table 5-7 shows the default interrupt sources for Interrupts INT_04 through INT_15. For more detailed information on interrupt sources
and selection, see the TMS320C6000 DSP Interrupt Selector Reference Guide (literature number SPRU646).
DM642 Peripheral Information and Electrical Specifications
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com