Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 11Page - Texas Instruments TMS320DM642 Datasheet HTML 12Page - Texas Instruments TMS320DM642 Datasheet HTML 13Page - Texas Instruments TMS320DM642 Datasheet HTML 14Page - Texas Instruments TMS320DM642 Datasheet HTML 15Page - Texas Instruments TMS320DM642 Datasheet HTML 16Page - Texas Instruments TMS320DM642 Datasheet HTML 17Page - Texas Instruments TMS320DM642 Datasheet HTML 18Page - Texas Instruments TMS320DM642 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 178 page
background image
www.ti.com
2.3.1
L2 Architecture Expanded
0x0000 0000
011
010
001
111
0x0002 0000
000
L2MODE
L2 Memory
Block Base Address
0x0003 8000
0x0003 0000
0x0004 0000
128K-Byte SRAM
64K-Byte RAM
32K-Byte RAM
0x0003 FFFF
32K-Byte RAM
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Figure 2-2 shows the detail of the L2 architecture on the TMS320DM642 device. For more information on
the L2MODE bits, see the cache configuration (CCFG) register bit field descriptions in the TMS320C64x
Two-Level Internal Memory Reference Guide (literature number SPRU610).
Figure 2-2. TMS320DM642 L2 Architecture Memory Configuration
Device Overview
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com