Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 85Page - Texas Instruments TMS320DM642 Datasheet HTML 86Page - Texas Instruments TMS320DM642 Datasheet HTML 87Page - Texas Instruments TMS320DM642 Datasheet HTML 88Page - Texas Instruments TMS320DM642 Datasheet HTML 89Page - Texas Instruments TMS320DM642 Datasheet HTML 90Page - Texas Instruments TMS320DM642 Datasheet HTML 91Page - Texas Instruments TMS320DM642 Datasheet HTML 92Page - Texas Instruments TMS320DM642 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 178 page
background image
www.ti.com
PLLMULT
1
0
PLLCLK
CLKMODE0
CLKMODE1
CLKIN
C2
C1
EMI
filter
3.3 V
/2
/8
/4
/6
00 01 10
CPU Clock
Peripheral Bus, EDMA
Clock
Timer Internal Clock
CLKOUT4, Peripheral Clock
(AUXCLK for McASP),
McBSP Internal Clock
CLKOUT6
/2
/4
EMIF
00 01 10
EK2RATE
(GBLCTL.[19,18])
ECLKOUT2
ECLKOUT1
PLL
x6, x12
10
µF 0.1 µF
AEA[20:19]
(For the PLL Options, CLKMODE Pins Setup, and PLL Clock Frequency Ranges, see the “TMS320DM642 PLL Multiply Factor
Options, Clock Frequency Ranges, and Typical Lock Time” table.)
Internal to DM642
PLLV
ECLKIN
NOTES: Place all PLL external components (C1, C2, and the EMI Filter) as close to the C6000
™ DSP device as possible. For the best
performance, TI recommends that all the PLL external components be on a single side of the board without jumpers, switches,
or components other than the ones shown.
For reduced PLL jitter, maximize the spacing between switching signals and the PLL external components (C1, C2, and the
EMI Filter).
The 3.3-V supply for the EMI filter must be from the same 3.3-V power plane supplying the I/O voltage, DVDD.
EMI filter manufacturer TDK part number ACF451832-333, -223, -153, -103. Panasonic part number EXCCET103U.
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Figure 5-10. External PLL Circuitry for Either PLL Multiply Modes or x1 (Bypass) Mode
DM642 Peripheral Information and Electrical Specifications
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com