Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 42Page - Texas Instruments TMS320DM642 Datasheet HTML 43Page - Texas Instruments TMS320DM642 Datasheet HTML 44Page - Texas Instruments TMS320DM642 Datasheet HTML 45Page - Texas Instruments TMS320DM642 Datasheet HTML 46Page - Texas Instruments TMS320DM642 Datasheet HTML 47Page - Texas Instruments TMS320DM642 Datasheet HTML 48Page - Texas Instruments TMS320DM642 Datasheet HTML 49Page - Texas Instruments TMS320DM642 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 178 page
background image
www.ti.com
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 2-4. Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
Y16
Y17
Y19
Y20
1.2-V supply voltage (-500 device)
CVDD
Y21
S
1.4 V supply voltage (A-500, A-600, -600, -720 devices)
(see the Power-Supply Decoupling section of this data sheet)
AA6
AA7
AA20
AA21
GROUND PINS
A1
A3
A6
A8
A12
A14
A19
A22
A26
B3
B6
B7
B13
B19
C2
C4
C13
VSS
C18
GND
Ground pins
C23
D1
D2
D5
D13
D18
D22
D24
E3
E6
E9
E16
E18
E21
E23
E26
F5
46
Device Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com