Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 59Page - Texas Instruments TMS320DM642 Datasheet HTML 60Page - Texas Instruments TMS320DM642 Datasheet HTML 61Page - Texas Instruments TMS320DM642 Datasheet HTML 62Page - Texas Instruments TMS320DM642 Datasheet HTML 63Page - Texas Instruments TMS320DM642 Datasheet HTML 64Page - Texas Instruments TMS320DM642 Datasheet HTML 65Page - Texas Instruments TMS320DM642 Datasheet HTML 66Page - Texas Instruments TMS320DM642 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 178 page
background image
www.ti.com
3.5
Multiplexed Pin Configurations
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Multiplexed pins are pins that are shared by more than one peripheral and are internally multiplexed.
Some of these pins are configured by software, and the others are configured by external pullup/pulldown
resistors only at reset. Those muxed pins that are configured by software should not be programmed to
switch functionalities during run-time. Those muxed pins that are configured by external pullup/pulldown
resistors are mutually exclusive; only one peripheral has primary control of the function of these pins after
reset. Table 3-8 identifies the multiplexed pins on the DM642 device; shows the default (primary) function
and the default settings after reset; and describes the pins, registers, etc. necessary to configure specific
multiplexed functions.
Table 3-8. DM642 Device Multiplexed Pin Configurations(1)
MULTIPLEXED PINS
DEFAULT
DEFAULT
DESCRIPTION
FUNCTION
SETTING
NAME
NO.
CLKOUT4/GP0[1]
D6
CLKOUT4
GP1EN = 0 (disabled)
These pins are software-configurable. To use these pins
as GPIO pins, the GPxEN bits in the GPIO Enable
Register and the GPxDIR bits in the GPIO Direction
Register must be properly configured.
CLKOUT6/GP0[2]
C6
CLKOUT6
GP2EN = 0 (disabled)
GPxEN = 1: GPx pin enabled
GPxDIR = 0: GPx pin is an input
GPxDIR = 1: GPx pin is an output
The VDAC output pin function is default.
To use GP0[8] as a GPIO pin, the PCI needs to be
disabled (PCI_EN = 0), the GPxEN bits in the GPIO
Enable Register and the GPxDIR bits in the GPIO Direc-
tion Register must be properly configured.
GP8EN = 0 (disabled)
VDAC/GP0[8]
AD1
VDAC
MAC_EN = 0 (disabled)
GP8EN = 1: GP8 pin enabled
GP8DIR = 0: GP8 pin is an input
GP8DIR = 1: GP8 pin is an output
Note: If the PCI peripheral is disabled (PCI_EN pin = 0),
this pin must not be pulled up.
GP0[9]/PIDSEL
K3
To use GP0[15:9] as GPIO pins, the PCI needs to be
GP0[10]/PCBE3
J2
disabled (PCI_EN = 0), the GPxEN bits in the GPIO
GP0[11]/PREQ
F1
Enable Register and the GPxDIR bits in the GPIO Direc-
GPxEN = 0 (disabled)
tion Register must be properly configured.
GP0[12]/PGNT
H4
None
PCI_EN = 0 (disabled)(1)
GPxEN = 1: GPx pin enabled
GP0[13]/PINTA
G4
GPxDIR = 0: GPx pin is an input
GP0[14]/PCLK
C1
GPxDIR = 1: GPx pin is an output
GP0[15]/PRST
G3
VP1D[19]/AXR0[7]
AB12
VP1D[18]/AXR0[6]
AB11
By default, no function is enabled upon reset.
VP1D[17]/AXR0[5]
AC11
To enable the Video Port 1 data pins, the VP1EN bit in the
VP1EN bit = 0 (disabled) PERCFG register must be set to a 1. (McASP0 data pins
VP1D[16]/AXR0[4]
AD11
None
MCASP0EN bit = 0
are disabled).
VP1D[15]/AXR0[3]
AE11
(disabled)
To enable the McASP0[7:0] data pins, the MCASP0EN bit
VP1D[14]/AXR0[2]
AC10
in the PERCFG register must be set to a 1. (VP1 upper
VP1D[13]/AXR0[1]
AD10
data pins are disabled).
VP1D[12]/AXR0[0]
AC9
(1)
All other standalone PCI pins are tied-off internally (pins in Hi-Z) when the peripheral is disabled [PCI_EN = 0].
Device Configurations
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com