Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 36Page - Texas Instruments TMS320DM642 Datasheet HTML 37Page - Texas Instruments TMS320DM642 Datasheet HTML 38Page - Texas Instruments TMS320DM642 Datasheet HTML 39Page - Texas Instruments TMS320DM642 Datasheet HTML 40Page - Texas Instruments TMS320DM642 Datasheet HTML 41Page - Texas Instruments TMS320DM642 Datasheet HTML 42Page - Texas Instruments TMS320DM642 Datasheet HTML 43Page - Texas Instruments TMS320DM642 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 178 page
background image
www.ti.com
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 2-4. Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
INTER-INTEGRATED CIRCUIT 0 (I2C0)
SCL0
E4
I/O/Z
—
I2C0 clock.
SDA0
D3
I/O/Z
—
I2C0 data.
MULTICHANNEL BUFFERED SERIAL PORT 1 (McBSP1)
Video Port 1 (VP1) input/output data 8 pin (I/O/Z) or McBSP1 receive clock
VP1D[8]/CLKR1(3)
AD8
I/O/Z
IPD
(I/O/Z) [default]
VP1 input/output data 7 pin (I/O/Z) or McBSP1 receive frame sync (I/O/Z)
VP1D[7]/FSR1(3)
AC7
I/O/Z
IPD
[default]
VP1D[6]/DR1(3)
AD7
I
IPD
VP1 input/output data 6 pin (I/O/Z) or McBSP1 receive data (I) [default]
VP1 input/output data 5 pin (I/O/Z) or McBSP1 external clock source (I) (as
VP1D[5]/CLKS1(3)
AE7
I
IPD
opposed to internal) [default]
VP1D[4]/DX1(3)
AC6
I/O/Z
IPD
VP1 input/output data 4 pin (I/O/Z) or McBSP1 transmit data (O/Z) [default]
VP1 input/output data 3 pin (I/O/Z) or McBSP1 transmit frame sync (I/O/Z)
VP1D[3]/FSX1(3)
AD6
I/O/Z
IPD
[default]
VP1D[2]/CLKX1(3)
AE6
I/O/Z
IPD
VP1 input/output data 2 pin (I/O/Z) or McBSP1 transmit clock (I/O/Z) [default]
MULTICHANNEL BUFFERED SERIAL PORT 0 (McBSP0)
Video Port 0 (VP0) input/output data 8 pin (I/O/Z) or McBSP0 receive clock
VP0D[8]/CLKR0(3)
AE15
I/O/Z
IPD
(I/O/Z) [default]
VP0 input/output data 7 pin (I/O/Z) or McBSP0 receive frame sync (I/O/Z)
VP0D[7]/FSR0(3)
AB16
I/O/Z
IPD
[default]
VP0D[6]/DR0(3)
AC16
I
IPD
VP0 input/output data 6 pin (I/O/Z) or McBSP0 receive data (I) [default]
VP0 input/output data 5 pin (I/O/Z) or McBSP0 external clock source (I) (as
VP0D[5]/CLKS0(3)
AD16
I
IPD
opposed to internal) [default]
VP0D[4]/DX0(3)
AE16
O/Z
IPD
VP0 input/output data 4 pin (I/O/Z) or McBSP0 transmit data (O/Z) [default]
VP0 input/output data 3 pin (I/O/Z) or McBSP0 transmit frame sync (I/O/Z)
VP0D[3]/FSX0(3)
AF16
I/O/Z
IPD
[default]
VP0D[2]/CLKX0(3)
AF17
I/O/Z
IPD
VP0 input/output data 2 pin (I/O/Z) or McBSP0 transmit clock (I/O/Z) [default]
40
Device Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com