Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 81Page - Texas Instruments TMS320DM642 Datasheet HTML 82Page - Texas Instruments TMS320DM642 Datasheet HTML 83Page - Texas Instruments TMS320DM642 Datasheet HTML 84Page - Texas Instruments TMS320DM642 Datasheet HTML 85Page - Texas Instruments TMS320DM642 Datasheet HTML 86Page - Texas Instruments TMS320DM642 Datasheet HTML 87Page - Texas Instruments TMS320DM642 Datasheet HTML 88Page - Texas Instruments TMS320DM642 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 178 page
background image
www.ti.com
5.6
Reset
5.6.1
Reset Electrical Data/Timing
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
A hardware reset (RESET) is required to place the DSP into a known good state out of power-up. The
RESET signal can be asserted (pulled low) prior to ramping the core and I/O voltages or after the core
and I/O voltages have reached their proper operating conditions. As a best practice, reset should be held
low during power-up. Prior to deasserting RESET (low-to-high transition), the core and I/O voltages should
be at their proper operating conditions and CLKIN should also be running at the correct frequency. When
PCI is enabled, the PCI input clock (PCLK) must be running prior to deasserting RESET as well.
When the PCI peripheral is enabled, a WARMRESET can be performed via the host. A WARMRESET
performs the same functionality as a hardware reset, but does not relatch the boot configuration pins.
Whatever boot configuration that was latched on the previous hardware reset will be performed during the
WARMRESET.
A hardware reset does not reset the PCI peripheral state machine. The PCI state machine is reset via the
PRST signal. The PRST signal does not affect the DSP.
Emulation resets, done using Code Composer Studio™ IDE, have the same affect as a PCI
WARMRESET.
For information on peripheral selection at the rising edge of RESET, see the Device Configuration section
of this data manual.
Table 5-10. Timing Requirements for Reset (see Figure 5-9)
–500
–600
NO.
UNIT
–720
MIN
MAX
1
tw(RST)
Width of the RESET pulse
250
µs
16
tsu(boot)
Setup time, boot configuration bits valid before RESET high (1)
4E or 4C(2)
ns
17
th(boot)
Hold time, boot configuration bits valid after RESET high (1)
4P(3)
ns
18
tsu(PCLK-RSTH)
Setup time, PCLK active before RESET high(4)
32N
ns
(1)
AEA[22:19], LENDIAN, PCIEEAI, and HD5/AD5 are the boot configuration pins during device reset.
(2)
E = 1/AECLKIN clock frequency in ns. C = 1/CLKIN clock frequency in ns.
Select the MIN parameter value, whichever value is larger.
(3)
P = 1/CPU clock frequency in ns. For example, when running parts at 720 MHz, use P = 1.39 ns.
(4)
N = the PCI input clock (PCLK) period in ns. When PCI is enabled (PCI_EN = 1), this parameter must be met.
DM642 Peripheral Information and Electrical Specifications
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com