Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 90Page - Texas Instruments TMS320DM642 Datasheet HTML 91Page - Texas Instruments TMS320DM642 Datasheet HTML 92Page - Texas Instruments TMS320DM642 Datasheet HTML 93Page - Texas Instruments TMS320DM642 Datasheet HTML 94Page - Texas Instruments TMS320DM642 Datasheet HTML 95Page - Texas Instruments TMS320DM642 Datasheet HTML 96Page - Texas Instruments TMS320DM642 Datasheet HTML 97Page - Texas Instruments TMS320DM642 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 178 page
background image
www.ti.com
5.8
External Memory Interface (EMIF)
5.8.1
EMIF Device-Specific Information
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
EMIF supports a glueless interface to a variety of external devices, including:
• Pipelined synchronous-burst SRAM (SBSRAM)
• Synchronous DRAM (SDRAM)
• Asynchronous devices, including SRAM, ROM, and FIFOs
• An external shared-memory device
EMIF Device Speed
The rated EMIF speed of these devices only applies to the SDRAM interface when in a system that meets
the following requirements:
• 1 chip-enable (CE) space (maximum of 2 chips) of SDRAM connected to EMIF
• up to 1 CE space of buffers connected to EMIF
• EMIF trace lengths between 1 and 3 inches
• 166-MHz SDRAM for 133-MHz operation
• 143-MHz SDRAM for 100-MHz operation
Other configurations may be possible, but timing analysis must be done to verify all AC timings are met.
Verification of AC timings is mandatory when using configurations other than those specified above. TI
recommends utilizing I/O buffer information specification (IBIS) to analyze all AC timings.
To properly use IBIS models to attain accurate timing analysis for a given system, see the Using IBIS
Models for Timing Analysis application report (literature number SPRA839).
To maintain signal integrity, serial termination resistors should be inserted into all EMIF output signal lines
(see the Terminal Functions table for the EMIF output signals).
For more detailed information on the DM642 EMIF peripheral, see the TMS320C6000 DSP External
Memory Interface (EMIF) Reference Guide (literature number SPRU266).
94
DM642 Peripheral Information and Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com