Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 56Page - Texas Instruments TMS320DM642 Datasheet HTML 57Page - Texas Instruments TMS320DM642 Datasheet HTML 58Page - Texas Instruments TMS320DM642 Datasheet HTML 59Page - Texas Instruments TMS320DM642 Datasheet HTML 60Page - Texas Instruments TMS320DM642 Datasheet HTML 61Page - Texas Instruments TMS320DM642 Datasheet HTML 62Page - Texas Instruments TMS320DM642 Datasheet HTML 63Page - Texas Instruments TMS320DM642 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 178 page
background image
www.ti.com
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
A 32-bit key (value = 0x10C0010C) must be written to the Peripheral Configuration Lock register
(PCFGLOCK) in order to unlock access to the PERCFG register. Reading the PCFGLOCK register
determines whether the PERCFG register is currently locked (LOCKSTAT bit = 1) or unlocked
(LOCKSTAT bit = 0), see Figure 3-4. A peripheral can only be enabled when the PERCFG register is
"unlocked" (LOCKSTAT bit = 0).
Read Accesses
31
1
0
Reserved
LOCKSTAT
R-0
R-1
Write Accesses
31
0
LOCK
W-0
Legend: R = Read only, R/W = Read/Write, -n = value after reset
Figure 3-4. PCFGLOCK Register Diagram [Address Location: 0x01B3 F018] - Read/Write Accesses
Table 3-5. PCFGLOCK Register Selection Bit Descriptions - Read Accesses
BIT
NAME
DESCRIPTION
31:1
Reserved
Reserved. Read-only, writes have no effect.
Lock status bit.
Determines whether the PERCFG register is locked or unlocked.
0
LOCKSTAT
0 = Unlocked, read accesses to the PERCFG register allowed.
1 = Locked, write accesses to the PERCFG register do not modify the register state [default].
Reads are unaffected by Lock Status.
Table 3-6. PCFGLOCK Register Selection Bit Descriptions - Write Accesses
BIT
NAME
DESCRIPTION
Lock bits.
31:0
LOCK
0x10C0010C = Unlocks PERCFG register accesses.
Any write to the PERCFG register will automatically relock the register. In order to avoid the unnecessary
overhead of multiple unlock/enable sequences, all peripherals should be enabled with a single write to the
PERCFG register with the necessary enable bits set.
Prior to waiting 128 CPU cycles, the PERCFG register should be read. There is no direct correlation
between the CPU issuing a write to the PERCFG register and the write actually occurring. Reading the
PERCFG register after the write is issued forces the CPU to wait for the write to the PERCFG register to
occur.
Once a peripheral is enabled, the DSP (or other peripherals such as the HPI) must wait a minimum of 128
CPU cycles before accessing the enabled peripheral. The user must ensure that no accesses are
performed to a peripheral while it is disabled.
60
Device Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com