Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 88Page - Texas Instruments TMS320DM642 Datasheet HTML 89Page - Texas Instruments TMS320DM642 Datasheet HTML 90Page - Texas Instruments TMS320DM642 Datasheet HTML 91Page - Texas Instruments TMS320DM642 Datasheet HTML 92Page - Texas Instruments TMS320DM642 Datasheet HTML 93Page - Texas Instruments TMS320DM642 Datasheet HTML 94Page - Texas Instruments TMS320DM642 Datasheet HTML 95Page - Texas Instruments TMS320DM642 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 178 page
background image
www.ti.com
CLKOUT6
1
2
3
3
AECLKIN
2
3
4
4
5
1
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 5-17. Switching Characteristics Over Recommended Operating Conditions for CLKOUT6
(1) (2) (3)
(see Figure 5-13)
–500
–600
–720
NO.
PARAMETER
UNIT
CLKMODE = x1, x6, x12
MIN
MAX
1
tw(CKO6H)
Pulse duration, CLKOUT6 high
3P – 0.7
3P + 0.7
ns
2
tw(CKO6L)
Pulse duration, CLKOUT6 low
3P – 0.7
3P + 0.7
ns
3
tt(CKO6)
Transition time, CLKOUT6
1
ns
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
(2)
PH is the high period of CLKIN in ns and PL is the low period of CLKIN in ns.
(3)
P = 1/CPU clock frequency in nanoseconds (ns)
Figure 5-13. CLKOUT6 Timing
Table 5-18. Timing Requirements for AECLKIN for EMIFA
(1) (2) (3) (see Figure 5-14)
–500
–600
NO.
UNIT
–720
MIN
MAX
1
tc(EKI)
Cycle time, AECLKIN
6(4)
16P
ns
2
tw(EKIH)
Pulse duration, AECLKIN high
2.7
ns
3
tw(EKIL)
Pulse duration, AECLKIN low
2.7
ns
4
tt(EKI)
Transition time, AECLKIN
3
ns
5
tJ(EKI)
Period jitter, AECLKIN
0.02E
ns
(1)
P = 1/CPU clock frequency in ns. For example, when running parts at 720 MHz, use P = 1.39 ns.
(2)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(3)
E = the EMIF input clock (AECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA.
(4)
Minimum AECLKIN cycle times must be met, even when AECLKIN is generated by an internal clock source. Minimum AECLKIN times
are based on internal logic speed; the maximum useable speed of the EMIF may be lower due to AC timing requirements. On the 600
and 720 devices, 133-MHz operation is achievable if the requirements of the EMIF Device Speed section are met. On the 500 devices,
100-MHz operation is achievable if the requirements of the EMIF Device Speed section are met.
Figure 5-14. AECLKIN Timing for EMIFA
92
DM642 Peripheral Information and Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com