Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 6Page - Texas Instruments TMS320DM642 Datasheet HTML 7Page - Texas Instruments TMS320DM642 Datasheet HTML 8Page - Texas Instruments TMS320DM642 Datasheet HTML 9Page - Texas Instruments TMS320DM642 Datasheet HTML 10Page - Texas Instruments TMS320DM642 Datasheet HTML 11Page - Texas Instruments TMS320DM642 Datasheet HTML 12Page - Texas Instruments TMS320DM642 Datasheet HTML 13Page - Texas Instruments TMS320DM642 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 178 page
background image
www.ti.com
2.2.1
CPU Core Registers
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 2-2. L2 Cache Registers (C64x)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
0184 0000
CCFG
Cache configuration register
0184 0004 – 0184 0FFC
–
Reserved
0184 1000
EDMAWEIGHT
L2 EDMA access control register
0184 1004 – 0184 1FFC
–
Reserved
0184 2000
L2ALLOC0
L2 allocation register 0
0184 2004
L2ALLOC1
L2 allocation register 1
0184 2008
L2ALLOC2
L2 allocation register 2
0184 200C
L2ALLOC3
L2 allocation register 3
0184 2010 – 0184 3FFC
–
Reserved
0184 4000
L2WBAR
L2 writeback base address register
0184 4004
L2WWC
L2 writeback word count register
0184 4010
L2WIBAR
L2 writeback invalidate base address register
0184 4014
L2WIWC
L2 writeback invalidate word count register
0184 4018
L2IBAR
L2 invalidate base address register
0184 401C
L2IWC
L2 invalidate word count register
0184 4020
L1PIBAR
L1P invalidate base address register
0184 4024
L1PIWC
L1P invalidate word count register
0184 4030
L1DWIBAR
L1D writeback invalidate base address register
0184 4034
L1DWIWC
L1D writeback invalidate word count register
0184 4038 – 0184 4044
–
Reserved
0184 4048
L1DIBAR
L1D invalidate base address register
0184 404C
L1DIWC
L1D invalidate word count register
0184 4050 – 0184 4FFC
–
Reserved
0184 5000
L2WB
L2 writeback all register
0184 5004
L2WBINV
L2 writeback invalidate all register
0184 5008 – 0184 7FFC
–
Reserved
MAR0 to
0184 8000 – 0184 81FC
Reserved
MAR127
0184 8200
MAR128
Controls EMIFA CE0 range 8000 0000 – 80FF FFFF
0184 8204
MAR129
Controls EMIFA CE0 range 8100 0000 – 81FF FFFF
0184 8208
MAR130
Controls EMIFA CE0 range 8200 0000 – 82FF FFFF
0184 820C
MAR131
Controls EMIFA CE0 range 8300 0000 – 83FF FFFF
0184 8210
MAR132
Controls EMIFA CE0 range 8400 0000 – 84FF FFFF
0184 8214
MAR133
Controls EMIFA CE0 range 8500 0000 – 85FF FFFF
0184 8218
MAR134
Controls EMIFA CE0 range 8600 0000 – 86FF FFFF
0184 821C
MAR135
Controls EMIFA CE0 range 8700 0000 – 87FF FFFF
0184 8220
MAR136
Controls EMIFA CE0 range 8800 0000 – 88FF FFFF
0184 8224
MAR137
Controls EMIFA CE0 range 8900 0000 – 89FF FFFF
0184 8228
MAR138
Controls EMIFA CE0 range 8A00 0000 – 8AFF FFFF
0184 822C
MAR139
Controls EMIFA CE0 range 8B00 0000 – 8BFF FFFF
0184 8230
MAR140
Controls EMIFA CE0 range 8C00 0000 – 8CFF FFFF
0184 8234
MAR141
Controls EMIFA CE0 range 8D00 0000 – 8DFF FFFF
0184 8238
MAR142
Controls EMIFA CE0 range 8E00 0000 – 8EFF FFFF
0184 823C
MAR143
Controls EMIFA CE0 range 8F00 0000 – 8FFF FFFF
10
Device Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com