Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 55Page - Texas Instruments TMS320DM642 Datasheet HTML 56Page - Texas Instruments TMS320DM642 Datasheet HTML 57Page - Texas Instruments TMS320DM642 Datasheet HTML 58Page - Texas Instruments TMS320DM642 Datasheet HTML 59Page - Texas Instruments TMS320DM642 Datasheet HTML 60Page - Texas Instruments TMS320DM642 Datasheet HTML 61Page - Texas Instruments TMS320DM642 Datasheet HTML 62Page - Texas Instruments TMS320DM642 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 178 page
background image
www.ti.com
3.3
Peripheral Configuration Lock
Unlock the PERCFG Register
Using the PCFGLOCK Register
Write to
PERCFG Register
to Enable/Disable Peripherals
Read from
PERCFG Register
Wait 128 CPU Cycles Before
Accessing Enabled Peripherals
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
By default, the McASP0, VP0, VP1, VP2, and I2C peripherals are disabled on power up. In order to use
these peripherals on the DM642 device, the peripheral must first be enabled in the Peripheral
Configuration register (PERCFG). Software muxed pins should not be programmed to switch
functionalities during run-time. Care should also be taken to ensure that no accesses are being
performed before disabling the peripherals. To help minimize power consumption in the DM642
device, unused peripherals may be disabled.
Figure 3-3 shows the flow needed to enable (or disable) a given peripheral on the DM642 device.
Figure 3-3. Peripheral Enable/Disable Flow Diagram
Device Configurations
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com