Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 32Page - Texas Instruments TMS320DM642 Datasheet HTML 33Page - Texas Instruments TMS320DM642 Datasheet HTML 34Page - Texas Instruments TMS320DM642 Datasheet HTML 35Page - Texas Instruments TMS320DM642 Datasheet HTML 36Page - Texas Instruments TMS320DM642 Datasheet HTML 37Page - Texas Instruments TMS320DM642 Datasheet HTML 38Page - Texas Instruments TMS320DM642 Datasheet HTML 39Page - Texas Instruments TMS320DM642 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 178 page
background image
www.ti.com
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 2-4. Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
AED19
G23
AED18
G26
AED17
H23
AED16
H24
AED15
C19
AED14
D19
AED13
A20
AED12
D20
AED11
B20
AED10
C20
I/O/Z
IPU
EMIFA external data
AED9
A21
AED8
D21
AED7
B21
AED6
C21
AED5
A23
AED4
C22
AED3
B22
AED2
B23
AED1
A24
AED0
B24
MANAGEMENT DATA INPUT/OUTPUT (MDIO)
XSP_CLK/MDCLK(3)
R5
I/O/Z
IPD
PCI serial interface clock (O) [default] or MDIO serial clock input/output (I/O/Z).
PCI serial interface data out (O) [default] or MDIO serial data input/output
XSP_DO/MDIO(3)
P5
I/O/Z
IPU
(I/O/Z). In PCI mode, this pin is connected to the input data pin of the serial
PROM.
VCXO INTERPOLATED CONTROL PORT (VIC)
VCXO Interpolated Control Port (VIC) single-bit digital-to-analog converter
(VDAC) output [output only] [default] or this pin can be programmed as a GP0 8
pin (I/O/Z)
Boot Configuration: PCI frequency selection (PCI66).
If the PCI peripheral is enabled (PCI_EN pin = 1), then:
0 - PCI operates at 66 MHz (default).
VDAC/GP0[8]/PCI66(3)
AD1
I/O/Z
IPD
1 - PCI operates at 33 MHz.
The –500 device supports PCI at 33 MHz only. For proper –500 device operation
when the PCI peripheral is enabled (PCI_EN = 1), this pin must be pulled up
with a 1-k
Ω resistor at device reset.
Note: If the PCI peripheral is disabled (PCI_EN pin = 0), this pin must not be
pulled up.
VIDEO PORTS (VP0, VP1, AND VP2)
STCLK
AC1
I
IPD
The STCLK signal drives the hardware counter on the video ports.
36
Device Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com