Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 74Page - Texas Instruments TMS320DM642 Datasheet HTML 75Page - Texas Instruments TMS320DM642 Datasheet HTML 76Page - Texas Instruments TMS320DM642 Datasheet HTML 77Page - Texas Instruments TMS320DM642 Datasheet HTML 78Page - Texas Instruments TMS320DM642 Datasheet HTML 79Page - Texas Instruments TMS320DM642 Datasheet HTML 80Page - Texas Instruments TMS320DM642 Datasheet HTML 81Page - Texas Instruments TMS320DM642 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 178 page
background image
www.ti.com
5.3.7
C64x Power-Down Mode with an Emulator
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 5-2. Characteristics of the Power-Down Modes
PRWD Field
POWER-DOWN
WAKE-UP METHOD
EFFECT ON CHIP'S OPERATION
(BITS 15–10)
MODE
000000
No power-down
—
—
001001
PD1
Wake by an enabled interrupt
CPU halted (except for the interrupt logic)
Power-down mode blocks the internal clock inputs at the
boundary of the CPU, preventing most of the CPU's logic from
Wake by an enabled or
010001
PD1
switching. During PD1, EDMA transactions can proceed be-
non-enabled interrupt
tween peripherals and internal memory.
Output clock from PLL is halted, stopping the internal clock
structure from switching and resulting in the entire chip being
011010
PD2(1)
Wake by a device reset
halted. All register and internal RAM contents are preserved. All
functional I/O "freeze" in the last state when the PLL clock is
turned off.
Input clock to the PLL stops generating clocks. All register and
internal RAM contents are preserved. All functional I/O "freeze"
in the last state when the PLL clock is turned off. Following
reset, the PLL needs time to re-lock, just as it does following
011100
PD3(1)
Wake by a device reset
power-up.
Wake-up from PD3 takes longer than wake-up from PD2
because the PLL needs to be re-locked, just as it does following
power-up.
All others
Reserved
—
—
(1)
When entering PD2 and PD3, all functional I/O remains in the previous state. However, for peripherals which are asynchronous in
nature or peripherals with an external clock source, output signals may transition in response to stimulus on the inputs. Under these
conditions, peripherals will not operate according to specifications.
If user power-down modes are programmed, and an emulator is attached, the modes will be masked to
allow the emulator access to the system. This condition prevails until the emulator is reset or the cable is
removed from the header. If power measurements are to be performed when in a power-down mode, the
emulator cable should be removed.
When the DSP is in power-down mode PD2 or PD3, emulation logic will force any emulation execution
command (such as Step or Run) to spin in IDLE. For this reason, PC writes (such as loading code) will
fail. A DSP reset will be required to get the DSP out of PD2/PD3.
78
DM642 Peripheral Information and Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com