Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 87Page - Texas Instruments TMS320DM642 Datasheet HTML 88Page - Texas Instruments TMS320DM642 Datasheet HTML 89Page - Texas Instruments TMS320DM642 Datasheet HTML 90Page - Texas Instruments TMS320DM642 Datasheet HTML 91Page - Texas Instruments TMS320DM642 Datasheet HTML 92Page - Texas Instruments TMS320DM642 Datasheet HTML 93Page - Texas Instruments TMS320DM642 Datasheet HTML 94Page - Texas Instruments TMS320DM642 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 178 page
background image
www.ti.com
CLKIN
2
3
4
4
5
1
CLKOUT4
1
2
3
3
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 5-15. Timing Requirements for CLKIN for –720 Devices
(1) (2) (3) (see Figure 5-11)
–720
NO.
PLL MODE x12
PLL MODE x6
x1 (Bypass)
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(CLKIN)
Cycle time, CLKIN
16.6
33.3
13.3
33.3
13.3
33.3
ns
2
tw(CLKINH)
Pulse duration, CLKIN high
0.45C
0.45C
0.45C
ns
3
tw(CLKINL)
Pulse duration, CLKIN low
0.45C
0.45C
0.45C
ns
4
tt(CLKIN)
Transition time, CLKIN
5
5
1
ns
5
tJ(CLKIN)
Period jitter, CLKIN
0.02C
0.02C
0.02C
ns
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(2)
For more details on the PLL multiplier factors (x6, x12), see the Clock PLL section of this data sheet.
(3)
C = CLKIN cycle time in ns. For example, when CLKIN frequency is 50 MHz, use C = 20 ns.
Figure 5-11. CLKIN Timing
Table 5-16. Switching Characteristics Over Recommended Operating Conditions for CLKOUT4
(1) (2) (3)
(see Figure 5-12)
–500
–600
–720
NO.
PARAMETER
UNIT
CLKMODE = x1, x6, x12
MIN
MAX
1
tw(CKO4H)
Pulse duration, CLKOUT4 high
2P – 0.7
2P + 0.7
ns
2
tw(CKO4L)
Pulse duration, CLKOUT4 low
2P – 0.7
2P + 0.7
ns
3
tt(CKO4)
Transition time, CLKOUT4
1
ns
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
(2)
PH is the high period of CLKIN in ns and PL is the low period of CLKIN in ns.
(3)
P = 1/CPU clock frequency in nanoseconds (ns)
Figure 5-12. CLKOUT4 Timing
DM642 Peripheral Information and Electrical Specifications
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com