Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 21Page - Texas Instruments TMS320DM642 Datasheet HTML 22Page - Texas Instruments TMS320DM642 Datasheet HTML 23Page - Texas Instruments TMS320DM642 Datasheet HTML 24Page - Texas Instruments TMS320DM642 Datasheet HTML 25Page - Texas Instruments TMS320DM642 Datasheet HTML 26Page - Texas Instruments TMS320DM642 Datasheet HTML 27Page - Texas Instruments TMS320DM642 Datasheet HTML 28Page - Texas Instruments TMS320DM642 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 178 page
background image
www.ti.com
HD21/AD21/MCOL(A)
HD28/AD28/MRXDV(A)
HD29/AD29/MRXER(A)
HD20/AD20/MTXEN(A)
Ethernet MAC (EMAC)
and MDIO
XSP_DO/MDIO(B)
XSP_CLK/MDCLK(B)
MDIO
Clock
HD16/AD16/MTXD0(A)
HD17/AD17/MTXD1(A)
HD18/AD18/MTXD2(A)
HD25/AD25/MRXD1(A)
HD26/AD26/MRXD2(A)
HD27/AD27/MRXD3(A)
EMAC
Transmit
HD24/AD24/MRXD0(A)
HD19/AD19/MTXD3(A)
Clocks
HD31/AD31/MRCLK(A)
HD22/AD22/MTCLK(A)
HD30/AD30/MCRS(A)
Error Detect
and Control
Input/Output
Receive
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
A.
These EMAC pins are muxed with the upper data pins of the HPI or PCI peripherals. By default, these signals
function as HPI. For more details on these muxed pins, see the Device Configurations section of this data sheet.
B.
These MDIO pins are muxed with the PCI peripherals. By default, these signals function as PCI. For more details on
these muxed pins, see the Device Configurations section of this data sheet.
Figure 2-11. EMAC/MDIO Peripheral Signals
Device Overview
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com