Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 118 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 114Page - Texas Instruments TMS320DM642 Datasheet HTML 115Page - Texas Instruments TMS320DM642 Datasheet HTML 116Page - Texas Instruments TMS320DM642 Datasheet HTML 117Page - Texas Instruments TMS320DM642 Datasheet HTML 118Page - Texas Instruments TMS320DM642 Datasheet HTML 119Page - Texas Instruments TMS320DM642 Datasheet HTML 120Page - Texas Instruments TMS320DM642 Datasheet HTML 121Page - Texas Instruments TMS320DM642 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 178 page
background image
www.ti.com
5.10
Inter-Integrated Circuit (I2C)
5.10.1
I2C Device-Specific Information
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
The inter-integrated circuit (I2C) module provides an interface between a TMS320C6000™ DSP and other
devices compliant with Philips Semiconductors Inter-IC bus (I2C bus) specification version 2.1 and
connected by way of an I2C-bus. External components attached to this 2-wire serial bus can
transmit/receive up to 8-bit data to/from the DSP through the I2C module.
The I2C module on the TMS320DM642 may be used by the DSP to control local peripherals ICs (DACs,
ADCs, etc.) while the other may be used to communicate with other controllers in a system or to
implement a user interface.
The I2C port supports:
• Compatible with Philips I2C Specification Revision 2.1 (January 2000)
• Fast Mode up to 400 Kbps (no fail-safe I/O buffers)
• Noise Filter to Remove Noise 50 ns or less
• Seven- and Ten-Bit Device Addressing Modes
• Master (Transmit/Receive) and Slave (Transmit/Receive) Functionality
• Events: DMA, Interrupt, or Polling
• Slew-Rate Limited Open-Drain Output Buffers
Figure 5-35 is a block diagram of the I2C0 module.
118
DM642 Peripheral Information and Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com