Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 124 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 124 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 120Page - Texas Instruments TMS320DM642 Datasheet HTML 121Page - Texas Instruments TMS320DM642 Datasheet HTML 122Page - Texas Instruments TMS320DM642 Datasheet HTML 123Page - Texas Instruments TMS320DM642 Datasheet HTML 124Page - Texas Instruments TMS320DM642 Datasheet HTML 125Page - Texas Instruments TMS320DM642 Datasheet HTML 126Page - Texas Instruments TMS320DM642 Datasheet HTML 127Page - Texas Instruments TMS320DM642 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 178 page
background image
www.ti.com
5.11
Host-Port Interface (HPI)
5.11.1
HPI Peripheral Register Description(s)
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
The HPI is a parallel port through which a host processor can directly access the CPU memory space.
The host device functions as a master to the interface, which increases ease of access. The host and
CPU can exchange information via internal or external memory. The host also has direct access to
memory-mapped peripherals. Connectivity to the CPU memory space is provided through the enhanced
DMA (EDMA) controller. Both the host and the CPU can access the HPI control register (HPIC) and the
HPI address register (HPIA). The host can access the HPI data register (HPID) and the HPIC by using the
external data and interface control signals.
For more detailed information on the HPI peripheral, see the TMS320C6000 DSP Host Port Interface
(HPI) Reference Guide (literature number SPRU578).
Table 5-38. HPI Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
–
HPID
HPI data register
Host read/write access only
0188 0000
HPIC
HPI control register
HPIC has both Host/CPU read/write access
HPIA
HPI address register
0188 0004
(HPIAW)(1)
(Write)
HPIA has both Host/CPU read/write access
HPIA
HPI address register
0188 0008
(HPIAR)(1)
(Read)
0188 000C – 0189 FFFF
–
Reserved
HPI transfer request control
018A 0000
HPI_TRCTL
register
018A 0004 – 018B FFFF
–
Reserved
(1)
Host access to the HPIA register updates both the HPIAW and HPIAR registers. The CPU can access HPIAW and HPIAR
independently.
124
DM642 Peripheral Information and Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com