Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 54 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 54 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 50Page - Dallas Semiconductor DS21352 Datasheet HTML 51Page - Dallas Semiconductor DS21352 Datasheet HTML 52Page - Dallas Semiconductor DS21352 Datasheet HTML 53Page - Dallas Semiconductor DS21352 Datasheet HTML 54Page - Dallas Semiconductor DS21352 Datasheet HTML 55Page - Dallas Semiconductor DS21352 Datasheet HTML 56Page - Dallas Semiconductor DS21352 Datasheet HTML 57Page - Dallas Semiconductor DS21352 Datasheet HTML 58Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 137 page
background image
DS21352/DS21552
54 of 137
9. DS0 MONITORING FUNCTION
The device has the ability to monitor one DS0 64kbps channel in the transmit direction and one DS0
channel in the receive direction at the same time. In the transmit direction the user will determine which
channel is to be monitored by properly setting the TCM0 to TCM4 bits in the CCR5 register. In the
receive direction, the RCM0 to RCM4 bits in the CCR6 register need to be properly set. The DS0 channel
pointed to by the TCM0 to TCM4 bits will appear in the Transmit DS0 Monitor (TDS0M) register and
the DS0 channel pointed to by the RCM0 to RCM4 bits will appear in the Receive DS0 (RDS0M)
register. The TCM4 to TCM0 and RCM4 to RCM0 bits should be programmed with the decimal decode
of the appropriate T1 channel. For example, if DS0 channel 6 in the transmit direction and DS0 channel
15 in the receive direction needed to be monitored, then the following values would be programmed into
CCR5 and CCR6:
TCM4 = 0
RCM4 = 0
TCM3 = 0
RCM3 = 1
TCM2 = 1
RCM2 = 1
TCM1 = 0
RCM1 = 1
TCM0 = 1
RCM0 = 0
CCR5: COMMON CONTROL REGISTER 5 (Address=19 Hex)
[repeated here from section 6 for convenience]
(MSB)
(LSB)
TJC
LLB
LIAIS
TCM4
TCM3
TCM2
TCM1
TCM0
SYMBOL
POSITION
NAME AND DESCRIPTION
TJC
CCR5.7
Transmit Japanese CRC6 Enable.
LLB
CCR5.6
Local Loopback.
LIAIS
CCR5.5
Line Interface AIS Generation Enable.
TCM4
CCR5.4
Transmit Channel Monitor Bit 4. MSB of a channel decode that determines which
transmit channel data will appear in the TDS0M register. See Section 0 for details.
TCM3
CCR5.3
Transmit Channel Monitor Bit 3.
TCM2
CCR5.2
Transmit Channel Monitor Bit 2.
TCM1
CCR5.1
Transmit Channel Monitor Bit 1.
TCM0
CCR5.0
Transmit Channel Monitor Bit 0. LSB of the channel decode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com