Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 80 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 80 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 76Page - Dallas Semiconductor DS21352 Datasheet HTML 77Page - Dallas Semiconductor DS21352 Datasheet HTML 78Page - Dallas Semiconductor DS21352 Datasheet HTML 79Page - Dallas Semiconductor DS21352 Datasheet HTML 80Page - Dallas Semiconductor DS21352 Datasheet HTML 81Page - Dallas Semiconductor DS21352 Datasheet HTML 82Page - Dallas Semiconductor DS21352 Datasheet HTML 83Page - Dallas Semiconductor DS21352 Datasheet HTML 84Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 137 page
background image
DS21352/DS21552
80 of 137
TDC2: TRANSMIT HDLC DS0 CONTROL REGISTER 2 (Address=93 Hex)
(MSB)
(LSB)
TDB8
TDB7
TDB6
TDB5
TDB4
TDB3
TDB2
TDB1
SYMBOL
POSITION
NAME AND DESCRIPTION
TDB8
TDC2.7
DS0 Bit 8 Suppress Enable. MSB of the DS0. Set to one to stop this bit from
being used.
TDB7
TDC2.6
DS0 Bit 7 Suppress Enable. Set to one to stop this bit from being used.
TDB6
TDC2.5
DS0 Bit 6 Suppress Enable. Set to one to stop this bit from being used.
TDB5
TDC2.4
DS0 Bit 5 Suppress Enable. Set to one to stop this bit from being used.
TDB4
TDC2.3
DS0 Bit 4 Suppress Enable. Set to one to stop this bit from being used.
TDB3
TDC2.2
DS0 Bit 3 Suppress Enable. Set to one to stop this bit from being used.
TDB2
TDC2.1
DS0 Bit 2 Suppress Enable. Set to one to stop this bit from being used.
TDB1
TDC2.0
DS0 Bit 1 Suppress Enable. LSB of the DS0. Set to one to stop this bit from
being used.
15.4 LEGACY FDL SUPPORT
15.4.1 OVERVIEW
In order to provide backward compatibility to the older DS2152 device, the DS21352/552 maintains the
circuitry that existed in the previous generation of the T1 Quad Framer. Sections 15.4.2 and 15.4.3 cover
the circuitry and operation of this legacy functionality. In new applications, it is recommended that the
HDLC controller and BOC controller described in Section 15.3 are used. On the receive side, it is
possible to have both the new HDLC/BOC controller and the legacy hardware working at the same time.
On the transmit side the HDLC/BOC controller can be assigned to a DSO while the legacy function
supports the FDL via software. Software for supporting the legacy functions is available from Dallas
Semiconductor.
15.4.2 RECEIVE SECTION
In the receive section, the recovered FDL bits or Fs bits are shifted bit–by–bit into the Receive FDL
register (RFDL). Since the RFDL is 8 bits in length, it will fill up every 2 ms (8 times 250 us). The framer
will signal an external microcontroller that the buffer has filled via the SR2.4 bit. If enabled via IMR2.4,
the INT pin will toggle low indicating that the buffer has filled and needs to be read. The user has 2 ms to
read this data before it is lost. If the byte in the RFDL matches either of the bytes programmed into the
RFDLM1 or RFDLM2 registers, then the SR2.2 bit will be set to a one and the INT pin will toggled low
if enabled via IMR2.2. This feature allows an external microcontroller to ignore the FDL or Fs pattern
until an important event occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com