Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 14Page - Dallas Semiconductor DS21352 Datasheet HTML 15Page - Dallas Semiconductor DS21352 Datasheet HTML 16Page - Dallas Semiconductor DS21352 Datasheet HTML 17Page - Dallas Semiconductor DS21352 Datasheet HTML 18Page - Dallas Semiconductor DS21352 Datasheet HTML 19Page - Dallas Semiconductor DS21352 Datasheet HTML 20Page - Dallas Semiconductor DS21352 Datasheet HTML 21Page - Dallas Semiconductor DS21352 Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 137 page
background image
DS21352/DS21552
18 of 137
4.1.2 RECEIVE SIDE PINS
Signal Name:
RLINK
Signal Description:
Receive Link Data
Signal Type:
Output
Updated with either FDL data (ESF) or Fs bits (D4) or Z bits (ZBTSI) one RCLK before the start of a frame. See Section 20
for details.
Signal Name:
RLCLK
Signal Description:
Receive Link Clock
Signal Type:
Output
A 4 kHz or 2 kHz (ZBTSI) clock for the RLINK output.
Signal Name:
RCLK
Signal Description:
Receive Clock
Signal Type:
Output
1.544 MHz clock that is used to clock data through the receive side framer.
Signal Name:
RCHCLK
Signal Description:
Receive Channel Clock
Signal Type:
Output
A 192 kHz clock which pulses high during the LSB of each channel. Synchronous with RCLK when the receive side elastic
store is disabled. Synchronous with RSYSCLK when the receive side elastic store is enabled. Useful for parallel to serial
conversion of channel data.
Signal Name:
RCHBLK
Signal Description:
Receive Channel Block
Signal Type:
Output
A user programmable output that can be forced high or low during any of the 24 T1 channels. Synchronous with RCLK when
the receive side elastic store is disabled. Synchronous with RSYSCLK when the receive side elastic store is enabled. Useful for
blocking clocks to a serial UART or LAPD controller in applications where not all T1 channels are used such as Fractional T1,
384K bps service, 768K bps, or ISDN–PRI. Also useful for locating individual channels in drop–and–insert applications, for
external per–channel loopback, and for per–channel conditioning. See Section 13 page 76 for details.
Signal Name:
RSER
Signal Description:
Receive Serial Data
Signal Type:
Output
Received NRZ serial data. Updated on rising edges of RCLK when the receive side elastic store is disabled. Updated on the
rising edges of RSYSCLK when the receive side elastic store is enabled.
Signal Name:
RSYNC
Signal Description:
Receive Sync
Signal Type:
Input/Output
An extracted pulse, one RCLK wide, is output at this pin which identifies either frame (RCR2.4 = 0) or multiframe (RCR2.4 =
1) boundaries. If set to output frame boundaries then via RCR2.5, RSYNC can also be set to output double–wide pulses on
signaling frames. If the receive side elastic store is enabled via CCR1.2, then this pin can be enabled to be an input via RCR2.3
at which a frame or multiframe boundary pulse is applied. See Section 21 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com