Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 40 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 40 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 36Page - Dallas Semiconductor DS21352 Datasheet HTML 37Page - Dallas Semiconductor DS21352 Datasheet HTML 38Page - Dallas Semiconductor DS21352 Datasheet HTML 39Page - Dallas Semiconductor DS21352 Datasheet HTML 40Page - Dallas Semiconductor DS21352 Datasheet HTML 41Page - Dallas Semiconductor DS21352 Datasheet HTML 42Page - Dallas Semiconductor DS21352 Datasheet HTML 43Page - Dallas Semiconductor DS21352 Datasheet HTML 44Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 137 page
background image
DS21352/DS21552
40 of 137
CCR5: COMMON CONTROL REGISTER 5 (Address=19 Hex)
(MSB)
(LSB)
TJC
LLB
LIAIS
TCM4
TCM3
TCM2
TCM1
TCM0
SYMBOL
POSITION
NAME AND DESCRIPTION
TJC
CCR5.7
Transmit Japanese CRC6 Enable.
0 = use ANSI/AT&T/ITU CRC6 calculation (normal operation)
1 = use Japanese standard JT–G704 CRC6 calculation
LLB
CCR5.6
Local Loopback.
0 = loopback disabled
1 = loopback enabled
LIAIS
CCR5.5
Line Interface AIS Generation Enable.
0 = allow normal data from TPOSI/TNEGI to be transmitted at TTIP and TRING
1 = force unframed all ones to be transmitted at TTIP and TRING
TCM4
CCR5.4
Transmit Channel Monitor Bit 4. MSB of a channel decode that determines which
transmit channel data will appear in the TDS0M register. See Section 9 for details.
TCM3
CCR5.3
Transmit Channel Monitor Bit 3.
TCM2
CCR5.2
Transmit Channel Monitor Bit 2.
TCM1
CCR5.1
Transmit Channel Monitor Bit 1.
TCM0
CCR5.0
Transmit Channel Monitor Bit 0. LSB of the channel decode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com