Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 71 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 71 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 67Page - Dallas Semiconductor DS21352 Datasheet HTML 68Page - Dallas Semiconductor DS21352 Datasheet HTML 69Page - Dallas Semiconductor DS21352 Datasheet HTML 70Page - Dallas Semiconductor DS21352 Datasheet HTML 71Page - Dallas Semiconductor DS21352 Datasheet HTML 72Page - Dallas Semiconductor DS21352 Datasheet HTML 73Page - Dallas Semiconductor DS21352 Datasheet HTML 74Page - Dallas Semiconductor DS21352 Datasheet HTML 75Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 137 page
background image
DS21352/DS21552
71 of 137
RPE
HSR.6
Receive Packet End. Set when the HDLC controller detects either the finish of a valid
message (i.e., CRC check complete) or when the controller has experienced a message
fault such as a CRC checking error, or an overrun condition, or an abort has been seen.
The setting of this bit prompts the user to read the RPRM register for details.
RPS
HSR.5
Receive Packet Start. Set when the HDLC controller detects an opening byte. The
setting of this bit prompts the user to read the RPRM register for details.
RHALF
HSR.4
Receive FIFO Half Full. Set when the receive 64–byte FIFO fills beyond the half way
point. The setting of this bit prompts the user to read the RPRM register for details.
RNE
HSR.3
Receive FIFO Not Empty. Set when the receive 64–byte FIFO has at least one byte
available for a read. The setting of this bit prompts the user to read the RPRM register
for details.
THALF
HSR.2
Transmit FIFO Half Empty. Set when the transmit 64–byte FIFO empties beyond the
half way point. The setting of this bit prompts the user to read the TPRM register for
details.
TNF
HSR.1
Transmit FIFO Not Full. Set when the transmit 64–byte FIFO has at least one byte
available. The setting of this bit prompts the user to read the TPRM register for details.
TMEND
HSR.0
Transmit Message End. Set when the transmit HDLC controller has finished sending a
message. The setting of this bit prompts the user to read the TPRM register for details.
NOTE:
The RBOC, RPE, RPS, and TMEND bits are latched and will be cleared when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com