Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 68 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 68 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 64Page - Dallas Semiconductor DS21352 Datasheet HTML 65Page - Dallas Semiconductor DS21352 Datasheet HTML 66Page - Dallas Semiconductor DS21352 Datasheet HTML 67Page - Dallas Semiconductor DS21352 Datasheet HTML 68Page - Dallas Semiconductor DS21352 Datasheet HTML 69Page - Dallas Semiconductor DS21352 Datasheet HTML 70Page - Dallas Semiconductor DS21352 Datasheet HTML 71Page - Dallas Semiconductor DS21352 Datasheet HTML 72Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 137 page
background image
DS21352/DS21552
68 of 137
Table 15-2 HDLC/BOC CONTROLLER REGISTERS
NAME
FUNCTION
HDLC Control Register (HCR)
general control over the HDLC and BOC controllers
HDLC Status Register (HSR)
key status information for both transmit and receive directions
HDLC Interrupt Mask Register (HIMR)
allows/stops status bits to/from causing an interrupt
Receive HDLC Register (RHIR)
status information on receive HDLC controller
Receive BOC Register (RBOC)
status information on receive BOC controller
Receive HDLC FIFO Register (RHFR)
access to 64–byte HDLC FIFO in receive direction
Receive HDLC DS0 Control Register 1 (RDC1)
controls the HDLC function when used on DS0 channels
Receive HDLC DS0 Control Register 2 (RDC2)
controls the HDLC function when used on DS0 channels
Transmit HDLC Register (THIR)
status information on transmit HDLC controller
Transmit BOC Register (TBOC)
enables/disables transmission of BOC codes
Transmit HDLC FIFO Register (THFR)
access to 64–byte HDLC FIFO in transmit direction
Transmit HDLC DS0 Control Register 1 (TDC1)
controls the HDLC function when used on DS0 channels
Transmit HDLC DS0 Control Register 2 (TDC2)
controls the HDLC function when used on DS0 channels
15.3.2 STATUS REGISTER FOR THE HDLC
Four of the HDLC/BOC controller registers (HSR, RHIR, RBOC, and THIR) provide status information.
When a particular event has occurred (or is occurring), the appropriate bit in one of these four registers
will be set to a one. Some of the bits in these four HDLC status registers are latched and some are real
time bits that are not latched. Section 15.3.2 contains register descriptions that list which bits are latched
and which are not. With the latched bits, when an event occurs and a bit is set to a one, it will remain set
until the user reads that bit. The bit will be cleared when it is read and it will not be set again until the
event has occurred again. The real time bits report the current instantaneous conditions that are occurring
and the history of these bits is not latched.
Like the other status registers, the user will always proceed a read of any of the four registers with a
write. The byte written to the register will inform the device which of the latched bits the user wishes to
read and have cleared (the real time bits are not affected by writing to the status register). The user will
write a byte to one of these registers, with a one in the bit positions he or she wishes to read and a zero in
the bit positions he or she does not wish to obtain the latest information on. When a one is written to a bit
location, the read register will be updated with current value and it will be cleared. When a zero is written
to a bit position, the read register will not be updated and the previous value will be held. A write to the
status and information registers will be immediately followed by a read of the same register. The read
result should be logically AND’ed with the mask byte that was just written and this value should be
written back into the same register to insure that bit does indeed clear. This second write step is necessary
because the alarms and events in the status registers occur asynchronously in respect to their access via
the parallel port. This write–read–write (for polled driven access) or write–read (for interrupt driven
access) scheme allows an external microcontroller or microprocessor to individually poll certain bits
without disturbing the other bits in the register. This operation is key in controlling the device with
higher–order software languages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com