Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 97 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 97 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 93Page - Dallas Semiconductor DS21352 Datasheet HTML 94Page - Dallas Semiconductor DS21352 Datasheet HTML 95Page - Dallas Semiconductor DS21352 Datasheet HTML 96Page - Dallas Semiconductor DS21352 Datasheet HTML 97Page - Dallas Semiconductor DS21352 Datasheet HTML 98Page - Dallas Semiconductor DS21352 Datasheet HTML 99Page - Dallas Semiconductor DS21352 Datasheet HTML 100Page - Dallas Semiconductor DS21352 Datasheet HTML 101Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 137 page
background image
DS21352/DS21552
97 of 137
18. TRANSMIT TRANSPARENCY
Each of the 24 T1 channels in the transmit direction of the framer can be either forced to be transparent or
in other words, can be forced to stop Bit 7 Stuffing and/or Robbed Signaling from overwriting the data in
the channels. Transparency can be invoked on a channel by channel basis by properly setting the TTR1,
TTR2, and TTR3 registers.
TTR1/TTR2/TTR3: TRANSMIT TRANSPARENCY REGISTER (Address=39 to
3B Hex)
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TTR1 (39)
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TTR2 (3A)
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TTR3 (3B)
SYMBOLS
POSITIONS
NAME AND DESCRIPTION
CH1-24
TTR1.0-3.7
Transmit Transparency Registers.
0 = this DS0 channel is not transparent
1 = this DS0 channel is transparent
Each of the bit position in the Transmit Transparency Registers (TTR1/TTR2/TTR3) represent a DS0
channel in the outgoing frame. When these bits are set to a one, the corresponding channel is transparent
(or clear). If a DS0 is programmed to be clear, no robbed bit signaling will be inserted nor will the
channel have Bit 7 stuffing performed. However, in the D4 framing mode, bit 2 will be overwritten by a
zero when a Yellow Alarm is transmitted. Also the user has the option to prevent the TTR registers from
determining which channels are to have Bit 7 stuffing performed. If the TCR2.0 and TCR1.3 bits are set
to one, then all 24 T1 channels will have Bit 7 stuffing performed on them regardless of how the TTR
registers are programmed. In this manner, the TTR registers are only affecting which channels are to have
robbed bit signaling inserted into them.
19. JTAG-BOUNDARY SCAN ARCHITECTURE AND TEST ACCESS PORT
19.1 DESCRIPTION
The DS21352/552 IEEE 1149.1 design supports the standard instruction codes SAMPLE/PRELOAD,
BYPASS, and EXTEST. Optional public instructions included are HIGHZ, CLAMP, and IDCODE. See
Figure 19-1. The DS21352/552 contains the following as required by IEEE 1149.1 Standard Test Access
Port and Boundary Scan Architecture.
Test Access Port (TAP)
TAP Controller
Instruction Register
Bypass Register
Boundary Scan Register
Device Identification Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com