Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 38 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 38 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 34Page - Dallas Semiconductor DS21352 Datasheet HTML 35Page - Dallas Semiconductor DS21352 Datasheet HTML 36Page - Dallas Semiconductor DS21352 Datasheet HTML 37Page - Dallas Semiconductor DS21352 Datasheet HTML 38Page - Dallas Semiconductor DS21352 Datasheet HTML 39Page - Dallas Semiconductor DS21352 Datasheet HTML 40Page - Dallas Semiconductor DS21352 Datasheet HTML 41Page - Dallas Semiconductor DS21352 Datasheet HTML 42Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 137 page
background image
DS21352/DS21552
38 of 137
6.5 PULSE DENSITY ENFORCER
The Framer always examines both the transmit and receive data streams for violations of the following rules which are
required by ANSI T1.403:
– no more than 15 consecutive zeros
– at least N ones in each and every time window of 8 x (N +1) bits where N = 1 through 23
Violations for the transmit and receive data streams are reported in the RIR2.0 and RIR2.1 bits
respectively. When the CCR3.3 is set to one, the DS21352 will force the transmitted stream to meet this
requirement no matter the content of the transmitted stream. When running B8ZS, the CCR3.3 bit should
be set to zero since B8ZS encoded data streams cannot violate the pulse density requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com