Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 47 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 47 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 43Page - Dallas Semiconductor DS21352 Datasheet HTML 44Page - Dallas Semiconductor DS21352 Datasheet HTML 45Page - Dallas Semiconductor DS21352 Datasheet HTML 46Page - Dallas Semiconductor DS21352 Datasheet HTML 47Page - Dallas Semiconductor DS21352 Datasheet HTML 48Page - Dallas Semiconductor DS21352 Datasheet HTML 49Page - Dallas Semiconductor DS21352 Datasheet HTML 50Page - Dallas Semiconductor DS21352 Datasheet HTML 51Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 137 page
background image
DS21352/DS21552
47 of 137
Table 7-2 ALARM CRITERIA
ALARM
SET CRITERIA
CLEAR CRITERIA
Blue Alarm (AIS) (see note 1
below)
when over a 3 ms window, 5 or
less zeros are received
when over a 3 ms window, 6 or more zeros are
received
Yellow Alarm (RAI)
1. D4 bit 2 mode(RCR2.2=0)
2. D4 12th F–bit mode
(RCR2.2=1; this mode is also
referred to as the “Japanese
Yellow Alarm”)
3. ESF mode
when bit 2 of 256 consecutive
channels is set to zero for at least
254 occurrences
when the 12th framing bit is set
to one for two consecutive
occurrences
when 16 consecutive patterns of
00FF appear in the FDL
when bit 2 of 256 consecutive channels is set to
zero for less than 254 occurrences
when the 12th framing bit is set to zero for two
consecutive occurrences
when 14 or less patterns of 00FF hex out of 16
possible appear in the FDL
Red Alarm (LRCL) (this alarm
is also referred to as Loss Of
Signal)
when 192 consecutive zeros are
received
when 14 or more ones out of 112 possible bit
positions are received starting with the first one
received
NOTES:
1. The definition of Blue Alarm (or Alarm Indication Signal) is an unframed all ones signal. Blue alarm detectors should be
able to operate properly in the presence of a 10E–3 error rate and they should not falsely trigger on a framed all ones signal.
The blue alarm criteria in the DS21352/552 has been set to achieve this performance. It is recommended that the RBL bit be
qualified with the RLOS bit.
2. ANSI specifications use a different nomenclature than the DS21352/552 does; the following terms are equivalent:
RBL = AIS
RCL = LOS
RLOS = LOF
RYEL = RAI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com