Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 51 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 51 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 47Page - Dallas Semiconductor DS21352 Datasheet HTML 48Page - Dallas Semiconductor DS21352 Datasheet HTML 49Page - Dallas Semiconductor DS21352 Datasheet HTML 50Page - Dallas Semiconductor DS21352 Datasheet HTML 51Page - Dallas Semiconductor DS21352 Datasheet HTML 52Page - Dallas Semiconductor DS21352 Datasheet HTML 53Page - Dallas Semiconductor DS21352 Datasheet HTML 54Page - Dallas Semiconductor DS21352 Datasheet HTML 55Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 137 page
background image
DS21352/DS21552
51 of 137
8.1 LINE CODE VIOLATION COUNT REGISTER (LCVCR)
Line Code Violation Count Register 1 (LCVCR1) is the most significant word and LCVCR2 is the least
significant word of a 16–bit counter that records code violations (CVs). CVs are defined as Bipolar
Violations (BPVs) or excessive zeros. See Table 8-1 for details of exactly what the LCVCRs count. If the
B8ZS mode is set for the receive side via CCR2.2, then B8ZS code words are not counted. This counter is
always enabled; it is not disabled during receive loss of synchronization (RLOS=1) conditions.
LCVCR1: LINE CODE VIOLATION COUNT REGISTER 1 (Address = 23 Hex)
LCVCR2: LINE CODE VIOLATION COUNT REGISTER 2 (Address = 24 Hex)
(MSB)
(LSB)
LCV15
LCV14
LCV13
LCV12
LCV11
LCV10
LCV9
LCV8
LCVCR1
LCV7
LCV6
LCV5
LCV4
LCV3
LCV2
LCV1
LCV0
LCVCR2
SYMBOL
POSITION
NAME AND DESCRIPTION
LCV15
LCVCR1.7
MSB of the 16–bit code violation count
LCV0
LCVCR2.0
LSB of the 16–bit code violation count
Table 8-1 LINE CODE VIOLATION COUNTING ARRANGEMENTS
COUNT EXCESSIVE ZEROS
(RCR1.7)
B8ZS ENABLED
(CCR2.2)
WHAT IS COUNTED
IN THE LCVCRs
no
no
BPVs
yes
no
BPVs + 16 consecutive zeros
no
yes
BPVs (B8ZS code words not counted)
yes
yes
BPV’s + 8 consecutive zeros



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com