Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 52 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 52 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 48Page - Dallas Semiconductor DS21352 Datasheet HTML 49Page - Dallas Semiconductor DS21352 Datasheet HTML 50Page - Dallas Semiconductor DS21352 Datasheet HTML 51Page - Dallas Semiconductor DS21352 Datasheet HTML 52Page - Dallas Semiconductor DS21352 Datasheet HTML 53Page - Dallas Semiconductor DS21352 Datasheet HTML 54Page - Dallas Semiconductor DS21352 Datasheet HTML 55Page - Dallas Semiconductor DS21352 Datasheet HTML 56Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 137 page
background image
DS21352/DS21552
52 of 137
8.2 PATH CODE VIOLATION COUNT REGISTER (PCVCR)
When the receive side of a framer is set to operate in the ESF framing mode (CCR2.3=1), PCVCR will
automatically be set as a 12–bit counter that will record errors in the CRC6 code words. When set to
operate in the D4 framing mode (CCR2.3=0), PCVCR will automatically count errors in the Ft framing
bit position. Via the RCR2.1 bit, a framer can be programmed to also report errors in the Fs framing bit
position. The PCVCR will be disabled during receive loss of synchronization (RLOS=1) conditions. See
Table 8-2 for a detailed description of exactly what errors the PCVCR counts.
PCVCR1: PATH VIOLATION COUNT REGISTER 1 (Address = 25 Hex)
PCVCR2: PATH VIOLATION COUNT REGISTER 2 (Address = 26 Hex)
(MSB)
(LSB)
(note 1)
(note 1)
(note 1)
(note 1)
CRC/FB11
CRC/FB10
CRC/FB9
CRC/FB8
PCVCR1
CRC/FB7
CRC/FB6
CRC/FB5
CRC/FB4
CRC/FB3
CRC/FB2
CRC/FB1
CRC/FB0
PCVCR2
SYMBOL
POSITION
NAME AND DESCRIPTION
CRC/FB11
PCVCR1.3
MSB of the 12–Bit CRC6 Error or Frame Bit Error Count (note #2)
CRC/FB0
PCVCR2.0
LSB of the 12–Bit CRC6 Error or Frame Bit Error Count (note #2)
NOTES:
1. The upper nibble of the counter at address 25 is used by the Multiframes Out of Sync Count Register
2. PCVCR counts either errors in CRC code words (in the ESF framing mode; CCR2.3=1) or errors in the framing bit position
(in the D4 framing mode; CCR2.3=0).
Table 8.2 PATH CODE VIOLATION COUNTING ARRANGEMENTS
FRAMING MODE
(CCR2.3)
COUNT Fs ERRORS
(RCR2.1)
WHAT IS COUNTED
IN THE PCVCRs
D4
no
errors in the Ft pattern
D4
yes
errors in both the Ft & Fs patterns
ESF
don’t care
errors in the CRC6 code words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com