Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 5Page - Dallas Semiconductor DS21352 Datasheet HTML 6Page - Dallas Semiconductor DS21352 Datasheet HTML 7Page - Dallas Semiconductor DS21352 Datasheet HTML 8Page - Dallas Semiconductor DS21352 Datasheet HTML 9Page - Dallas Semiconductor DS21352 Datasheet HTML 10Page - Dallas Semiconductor DS21352 Datasheet HTML 11Page - Dallas Semiconductor DS21352 Datasheet HTML 12Page - Dallas Semiconductor DS21352 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 137 page
background image
DS21352/DS21552
9 of 137
Figure 3-1 SCT BLOCK DIAGRAM
Local Loopback
Jitter Attenuator
Either transmit or receive path
Receive
Line I/F
Clock / Data
Recovery
Remote Loopback
MCLK
8XCLK
XTALD
RPOSO
RNEGO
RNEGI
RPOSI
TPOSI
TNEGI
TNEGO
TPOSO
RCLKO
RCLKI
TCLKI
TCLKO
LIUC
D0 to D7 /
AD0 to AD7
BTS
INT*
WR*(R/W*)
RD*(DS*)
CS*
TEST
ALE(AS) / A7
A0 to A6
MUX
CI
Transmit
Line I/F
Framer Loopback
Payload Loopback
CO
JRST
JTMS
JTCLK
JTDI
JTDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com