Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 3Page - Dallas Semiconductor DS21352 Datasheet HTML 4Page - Dallas Semiconductor DS21352 Datasheet HTML 5Page - Dallas Semiconductor DS21352 Datasheet HTML 6Page - Dallas Semiconductor DS21352 Datasheet HTML 7Page - Dallas Semiconductor DS21352 Datasheet HTML 8Page - Dallas Semiconductor DS21352 Datasheet HTML 9Page - Dallas Semiconductor DS21352 Datasheet HTML 10Page - Dallas Semiconductor DS21352 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 137 page
background image
DS21352/DS21552
7 of 137
3. INTRODUCTION
The DS21352/552 are 3.3V/5V superset versions of the popular DS2152 T1 single-chip transceiver
offering the new features listed below. All of the original features of the DS2152 have been retained and
software created for the original devices is transferable into the DS21352/552.
NEW FEATURES (after the DS2152)
§
Interleaving PCM Bus Operation
§
Integral HDLC controller with 64-byte buffers Configurable for FDL or DS0 operation
§
IEEE 1149.1 JTAG-Boundary Scan Architecture
§
3.3V (DS21352 only) supply
FEATURES
§
option for non–multiplexed bus operation
§
crystal–less jitter attenuation
§
3.3V I/O on all SCTs
§
additional hardware signaling capability including:
– receive signaling reinsertion to a backplane multiframe sync
– availability of signaling in a separate PCM data stream
– signaling freezing
– interrupt generated on change of signaling data
§
ability to calculate and check CRC6 according to the Japanese standard
§
ability to pass the F–Bit position through the elastic stores in the 2.048 MHz backplane mode
§
programmable in–band loop code generator and detector
§
per channel loopback and idle code insertion
§
RCL, RLOS, RRA, and RAIS alarms now interrupt on change of state
§
8.192 MHz clock output synthesized to RCLK
§
HDLC controller can be configured for FDL
§
addition of hardware pins to indicate carrier loss & signaling freeze
§
line interface function can be completely decoupled from the framer/formatter to allow:
– interface to optical, HDSL, and other NRZ interfaces
– be able to “tap” the transmit and receive bipolar data streams for monitoring purposes
– be able corrupt data and insert framing errors, CRC errors, etc.
§
transmit and receive elastic stores now have independent backplane clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com