Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 12Page - Dallas Semiconductor DS21352 Datasheet HTML 13Page - Dallas Semiconductor DS21352 Datasheet HTML 14Page - Dallas Semiconductor DS21352 Datasheet HTML 15Page - Dallas Semiconductor DS21352 Datasheet HTML 16Page - Dallas Semiconductor DS21352 Datasheet HTML 17Page - Dallas Semiconductor DS21352 Datasheet HTML 18Page - Dallas Semiconductor DS21352 Datasheet HTML 19Page - Dallas Semiconductor DS21352 Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 137 page
background image
DS21352/DS21552
16 of 137
4.1.1 TRANSMIT SIDE PINS (cont.)
Signal Name:
TLINK
Signal Description:
Transmit Link Data
Signal Type:
Input
If enabled via TCR1.2, this pin will be sampled on the falling edge of TCLK for data insertion into either the FDL stream
(ESF) or the Fs–bit position (D4) or the Z–bit position (ZBTSI). See Section 15 for details.
Signal Name:
TSYNC
Signal Description:
Transmit Sync
Signal Type:
Input / Output
A pulse at this pin will establish either frame or multiframe boundaries for the transmit side. Via TCR2.2, the DS21352/552
can be programmed to output either a frame or multiframe pulse at this pin. If this pin is set to output pulses at frame
boundaries, it can also be set via TCR2.4 to output double–wide pulses at signaling frames. See Section 20 for details.
Signal Name:
TSSYNC
Signal Description:
Transmit System Sync
Signal Type:
Input
Only used when the transmit side elastic store is enabled. A pulse at this pin will establish either frame or multiframe
boundaries for the transmit side. Should be tied low in applications that do not use the transmit side elastic store.
Signal Name:
TSIG
Signal Description:
Transmit Signaling Input
Signal Type:
Input
When enabled, this input will sample signaling bits for insertion into outgoing PCM T1 data stream. Sampled on the falling
edge of TCLK when the transmit side elastic store is disabled. Sampled on the falling edge of TSYSCLK when the transmit
side elastic store is enabled.
Signal Name:
TESO
Signal Description:
Transmit Elastic Store Data Output
Signal Type:
Output
Updated on the rising edge of TCLK with data out of the transmit side elastic store whether the elastic store is enabled or not.
This pin is normally tied to TDATA.
Signal Name:
TDATA
Signal Description:
Transmit Data
Signal Type:
Input
Sampled on the falling edge of TCLK with data to be clocked through the transmit side formatter. This pin is normally tied to
TESO.
Signal Name:
TPOSO
Signal Description:
Transmit Positive Data Output
Signal Type:
Output
Updated on the rising edge of TCLKO with the bipolar data out of the transmit side formatter. Can be programmed to source
NRZ data via the Output Data Format (CCR1.6) control bit. This pin is normally tied to TPOSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com