Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 73 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 73 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 69Page - Dallas Semiconductor DS21352 Datasheet HTML 70Page - Dallas Semiconductor DS21352 Datasheet HTML 71Page - Dallas Semiconductor DS21352 Datasheet HTML 72Page - Dallas Semiconductor DS21352 Datasheet HTML 73Page - Dallas Semiconductor DS21352 Datasheet HTML 74Page - Dallas Semiconductor DS21352 Datasheet HTML 75Page - Dallas Semiconductor DS21352 Datasheet HTML 76Page - Dallas Semiconductor DS21352 Datasheet HTML 77Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 137 page
background image
DS21352/DS21552
73 of 137
RHIR: RECEIVE HDLC INFORMATION REGISTER (Address=03 Hex)
(MSB)
(LSB)
RABT
RCRCE
ROVR
RVM
REMPTY
POK
CBYTE
OBYTE
SYMBOL
POSITION
NAME AND DESCRIPTION
RABT
RHIR.7
Abort Sequence Detected. Set whenever the HDLC controller sees 7 or more ones in a
row.
RCRCE
RHIR.6
CRC Error. Set when the CRC checksum is in error.
ROVR
RHIR.5
Overrun. Set when the HDLC controller has attempted to write a byte into an already full
receive FIFO.
RVM
RHIR.4
Valid Message. Set when the HDLC controller has detected and checked a complete
HDLC packet.
REMPTY
RHIR.3
Empty. A real–time bit that is set high when the receive FIFO is empty.
POK
RHIR.2
Packet OK. Set when the byte available for reading in the receive FIFO is the last byte of
a valid message (and hence no abort was seen, no overrun occurred, and the CRC was
correct).
CBYTE
RHIR.1
Closing Byte. Set when the byte available for reading in the receive FIFO is the last byte
of a message (whether the message was valid or not).
OBYTE
RHIR.0
Opening Byte. Set when the byte available for reading in the receive FIFO is the first byte
of a message.
NOTE:
The RABT, RCRCE, ROVR, and RVM bits are latched and will be cleared when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com