Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 53 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 53 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 49Page - Dallas Semiconductor DS21352 Datasheet HTML 50Page - Dallas Semiconductor DS21352 Datasheet HTML 51Page - Dallas Semiconductor DS21352 Datasheet HTML 52Page - Dallas Semiconductor DS21352 Datasheet HTML 53Page - Dallas Semiconductor DS21352 Datasheet HTML 54Page - Dallas Semiconductor DS21352 Datasheet HTML 55Page - Dallas Semiconductor DS21352 Datasheet HTML 56Page - Dallas Semiconductor DS21352 Datasheet HTML 57Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 137 page
background image
DS21352/DS21552
53 of 137
8.3 Multiframes Out Of Sync Count Register (MOSCR)
Normally the MOSCR is used to count the number of multiframes that the receive synchronizer is out of
sync (RCR2.0=1). This number is useful in ESF applications needing to measure the parameters Loss Of
Frame Count (LOFC) and ESF Error Events as described in AT&T publication TR54016. When the
MOSCR is operated in this mode, it is not disabled during receive loss of synchronization (RLOS=1)
conditions. The MOSCR has alternate operating mode whereby it will count either errors in the Ft
framing pattern (in the D4 mode) or errors in the FPS framing pattern (in the ESF mode). When the
MOSCR is operated in this mode, it is disabled during receive loss of synchronization (RLOS = 1)
conditions. See Table 8-3 for a detailed description of what the MOSCR is capable of counting.
MOSCR1: MULTIFRAMES OUT OF SYNC COUNT REGISTER 1 (Address = 25
Hex) see note 1
MOSCR2: MULTIFRAMES OUT OF SYNC COUNT REGISTER 2 (Address = 27
Hex)
(MSB)
(LSB)
MOS/FB1
1
MOS/FB1
0
MOS/FB9
MOS/FB8
(note 1)
(note 1)
(note 1)
(note 1)
MOSCR1
CRC/FB7
CRC/FB6
CRC/FB5
CRC/FB4
CRC/FB3
CRC/FB2
CRC/FB1
CRC/FB0
MOSCR2
SYMBOL
POSITION
NAME AND DESCRIPTION
MOS/FB11
MOSCR1.7
MSB of the 12–Bit Multiframes Out of Sync or F–Bit Error Count (note #2)
MOS/FB0
MOSCR2.0
LSB of the 12–Bit Multiframes Out of Sync or F–Bit Error Count (note #2)
NOTES:
1. The lower nibble of the counter at address 25 is used by the Path Code Violation Count Register
2. MOSCR counts either errors in framing bit position (RCR2.0=0) or the number of multiframes out of sync (RCR2.0=1)
Table 8-3 MULTIFRAMES OUT OF SYNC COUNTING ARRANGEMENTS
FRAMING MODE
(CCR2.3)
COUNT MOS OR F–BIT
ERRORS
(RCR2.0)
WHAT IS COUNTED
IN THE MOSCRs
D4
MOS
number of multiframes out of sync
D4
F–Bit
errors in the Ft pattern
ESF
MOS
number of multiframes out of sync
ESF
F–Bit
errors in the FPS pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com