Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 45 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 45 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 41Page - Dallas Semiconductor DS21352 Datasheet HTML 42Page - Dallas Semiconductor DS21352 Datasheet HTML 43Page - Dallas Semiconductor DS21352 Datasheet HTML 44Page - Dallas Semiconductor DS21352 Datasheet HTML 45Page - Dallas Semiconductor DS21352 Datasheet HTML 46Page - Dallas Semiconductor DS21352 Datasheet HTML 47Page - Dallas Semiconductor DS21352 Datasheet HTML 48Page - Dallas Semiconductor DS21352 Datasheet HTML 49Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 137 page
background image
DS21352/DS21552
45 of 137
bits of its limit; useful for debugging jitter attenuation operation.
LORC
RIR3.4
Loss of Receive Clock. Set when the RCLKI pin has not transitioned for at least 2 us (4
ms max).
FRCL
RIR3.3
Framer Receive Carrier Loss. Set when 192 consecutive zeros have been received at
the RPOSI and RNEGI pins; allowed to be cleared when 14 or more ones out of 112
possible bit positions are received.
–RIR3.2
Not Assigned. Could be any value when read.
–RIR3.1
Not Assigned. Could be any value when read.
–RIR3.0
Not Assigned. Could be any value when read.
Table 7-1 RECEIVE T1 LEVEL INDICATION
RL1
RL0
TYPICAL LEVEL RECEIVED
0
0
+2 dB to –7.5 dB
0
1
–7.5 dB to –15 dB
1
0
–15 dB to –22.5 dB
1
1
less than –22.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com